Electronic Components Datasheet Search
  English  ▼

X  

PE9828 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9828
Description  WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9828 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9828 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9828 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
Configuration
Waveguide Interface
WR-51
Flange Design
WR
RF Connector
SMA Female
Electrical Specifications
Frequency Range, GHz
15 to 22
Maximum VSWR
1.3:1
Mechanical Specifications
Size
Length, in [mm]
1.32 [33.53]
Width/Dia., in [mm]
1.32 [33.53]
Height, in [mm]
0.75 [19.05]
.
Waveguide Interface
Type
WR-51
Body Material and Plating
Aluminum
RF Connector
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz from Pasternack Enterprises has same day ship-
ment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz PE9828
URL: http://www.pasternack.com/wr-51-sma-female-waveguide-coax-adapter-15-ghz-22-ghz-pe9828-p.aspx
WR-51 to SMA Female Waveguide to Coax
Adapter 15 GHz to 22 GHz
PE9828
PE9828 REV


Similar Part No. - PE9828

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9820 PASTERNACK-PE9820 Datasheet
76Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:7,05~10,0 GHz
logo
Pletronics, Inc.
PE9820DEV PLETRONICS-PE9820DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9820DV PLETRONICS-PE9820DV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9821 PASTERNACK-PE9821 Datasheet
69Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:4,90~7:05 GHz
PE9822 PASTERNACK-PE9822 Datasheet
286Kb / 2P
WR-187 to N Female Waveguide to Coax Adapter 3.95 GHz to 5.85 GHz
More results

Similar Description - PE9828

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9803 PASTERNACK-PE9803 Datasheet
269Kb / 2P
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9817 PASTERNACK-PE9817 Datasheet
282Kb / 2P
WR-75 to N Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9819 PASTERNACK-PE9819 Datasheet
277Kb / 2P
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9830 PASTERNACK-PE9830 Datasheet
255Kb / 2P
WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9884 PASTERNACK-PE9884 Datasheet
207Kb / 2P
WR-112 to SMA Female Waveguide to Coax Adapter 7.05 GHz to 10 GHz
PE9879 PASTERNACK-PE9879 Datasheet
362Kb / 3P
WR-51 Square Type Flange to End Launch SMA Female Waveguide to Coax Adapter Operating From 15 GHz to 22 GHz
PEWCA1002 PASTERNACK-PEWCA1002 Datasheet
367Kb / 3P
WR-51 Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 15 GHz to 22 GHz, N Band
PEWAD5011 PASTERNACK-PEWAD5011 Datasheet
419Kb / 4P
WR-51 Waveguide Bulkhead Adapter Square Cover Flange, 15 GHz to 22 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com