Electronic Components Datasheet Search
  English  ▼

X  

PE9830 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9830
Description  WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9830 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9830 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9830 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
Configuration
Waveguide Interface
WR-137
Flange Design
WR
RF Connector
SMA Female
Electrical Specifications
Frequency Range, GHz
5.85 to 8.2
Mechanical Specifications
Size
Length, in [mm]
2.281 [57.94]
Width/Dia., in [mm]
1.53 [38.86]
Height, in [mm]
1.35 [34.29]
.
Waveguide Interface
Type
WR-137
Body Material and Plating
Aluminum
RF Connector
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz from Pasternack Enterprises has same day ship-
ment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz PE9830
URL: http://www.pasternack.com/wr-137-sma-female-waveguide-coax-adapter-5.85-ghz-8.2-ghz-pe9830-p.aspx
WR-137 to SMA Female Waveguide to Coax
Adapter 5.85 GHz to 8.2 GHz
PE9830
PE9830 REV


Similar Part No. - PE9830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9831 PASTERNACK-PE9831 Datasheet
118Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 4,90~7,05 GHz
PE9832 PASTERNACK-PE9832 Datasheet
79Kb / 1P
waveguide to sma female frequency range: 3,95~5,85 GHz
PE9833 PASTERNACK-PE9833 Datasheet
79Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:3,30~4,90 GHz
PE9834 PASTERNACK-PE9834 Datasheet
80Kb / 1P
waveguide to sma female frequency range 2,60~3,95 GHz
PE9835 PASTERNACK-PE9835 Datasheet
77Kb / 1P
waveguide to sma female frquency range: 1,70~2,60 GHz
More results

Similar Description - PE9830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9822 PASTERNACK-PE9822 Datasheet
286Kb / 2P
WR-187 to N Female Waveguide to Coax Adapter 3.95 GHz to 5.85 GHz
PE9838 PASTERNACK-PE9838 Datasheet
291Kb / 2P
CPR-137G to N Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PE9801 PASTERNACK-PE9801 Datasheet
260Kb / 2P
WR-90 to N Female Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9876 PASTERNACK-PE9876 Datasheet
384Kb / 4P
WR-137 CMR-137 Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCA1014 PASTERNACK-PEWCA1014 Datasheet
369Kb / 3P
WR-137 UG-344/U Round Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCA1015 PASTERNACK-PEWCA1015 Datasheet
397Kb / 3P
WR-137 CPR-137G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCA1016 PASTERNACK-PEWCA1016 Datasheet
368Kb / 3P
WR-137 UG-344/U Round Cover Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCA1017 PASTERNACK-PEWCA1017 Datasheet
398Kb / 3P
WR-137 CPR-137G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWAD5019 PASTERNACK-PEWAD5019 Datasheet
422Kb / 4P
WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com