Electronic Components Datasheet Search
  English  ▼

X  

PE9832 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9832
Description  waveguide to sma female frequency range: 3,95~5,85 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9832 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9832 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9832

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9830 PASTERNACK-PE9830 Datasheet
255Kb / 2P
WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PE9831 PASTERNACK-PE9831 Datasheet
118Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 4,90~7,05 GHz
PE9833 PASTERNACK-PE9833 Datasheet
79Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:3,30~4,90 GHz
PE9834 PASTERNACK-PE9834 Datasheet
80Kb / 1P
waveguide to sma female frequency range 2,60~3,95 GHz
PE9835 PASTERNACK-PE9835 Datasheet
77Kb / 1P
waveguide to sma female frquency range: 1,70~2,60 GHz
More results

Similar Description - PE9832

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9805 PASTERNACK-PE9805 Datasheet
236Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 7,0~11,0 GHz
PE9824 PASTERNACK-PE9824 Datasheet
77Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 2,60~3,95 GHz
PE9829 PASTERNACK-PE9829 Datasheet
75Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 7,05~10,00 GHz
PE9831 PASTERNACK-PE9831 Datasheet
118Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 4,90~7,05 GHz
PE9833 PASTERNACK-PE9833 Datasheet
79Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:3,30~4,90 GHz
PE9834 PASTERNACK-PE9834 Datasheet
80Kb / 1P
waveguide to sma female frequency range 2,60~3,95 GHz
PE9840 PASTERNACK-PE9840 Datasheet
79Kb / 1P
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE:3,95~5,85 GHz
PE9842 PASTERNACK-PE9842 Datasheet
133Kb / 1P
WAVEGUIDE TO FEMALE WITH O-RING GROOVE FREQUENCY RANGE: 2,60~3,95 GHz
PE9845 PASTERNACK-PE9845 Datasheet
67Kb / 1P
WAVEGUIDE TO SMA TYPE FEMALE FREQUENCY RANGE: 15,00~22,00 GHz
PE9847 PASTERNACK-PE9847 Datasheet
74Kb / 1P
WAVEGUIDE END LAUNCH TO SMA FEMALE FREQUENCY RANGE:10,0~15,0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com