Electronic Components Datasheet Search
  English  ▼

X  

8412NGLE Datasheet(PDF) 2 Page - ebm-papst

Part # 8412NGLE
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8412NGLE Datasheet(HTML) 2 Page - ebm-papst

  8412NGLE Datasheet HTML 1Page - ebm-papst 8412NGLE Datasheet HTML 2Page - ebm-papst 8412NGLE Datasheet HTML 3Page - ebm-papst 8412NGLE Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
8412 NGLE
Technical features
General description
Particular design features:
Ball bearings and sleeve bearings available.
Some models suitable for use at high ambient temperatures up to 85 °C.
General features:
Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
Electronic commutation completely integrated.
Protected against reverse polarity and locking.
Connection via single strands AWG 24, TR 64, bared and tin-plated.
Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.
Mass: 95 g.
Mass
0.095 kg
Dimensions
80 x 80 x 25 mm
Material of impeller
Fiberglass-reinforced PA plastic
Housing material
Fiberglass-reinforced PBT plastic
Direction of air flow
Air exhaust over bars
Direction of rotation
Left, looking at rotor
Bearing
Sintec sleeve bearing
Lifetime L10 at 40 °C
80000 h
Lifetime L10 at maximum
temperature
27500 h
Connection line
Single strands AWG 24, TR 64, bared and tin-plated.
Motor protection
Protected against reverse polarity and locking.
Locked-rotor protection
Blocking and overload protection
Approval
VDE, CSA, UL, CE
Web data sheet XI · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com