Electronic Components Datasheet Search
  English  ▼

X  

0443049 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0443049
Description  Ground modular terminal block, Connection method: Screw connection, Cross section
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0443049 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0443049 Datasheet HTML 1Page - PHOENIX CONTACT 0443049 Datasheet HTML 2Page - PHOENIX CONTACT 0443049 Datasheet HTML 3Page - PHOENIX CONTACT 0443049 Datasheet HTML 4Page - PHOENIX CONTACT 0443049 Datasheet HTML 5Page - PHOENIX CONTACT 0443049 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/0443049
14.05.2012   Page 1 / 6
Ground modular terminal block - USLKG 50 - 0443049
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Ground modular terminal block, Connection method: Screw connection, Cross section: 16 mm² - 70
mm², AWG 6 - 1/0, Width: 20 mm, Color: green-yellow, Mounting type: NS 35/7.5, NS 35/15, NS 32
Product description
Ground modular terminal block, Connection method: Screw connection, Cross section: 16 mm² - 70 mm², AWG 6 - 1/0, Width: 20 mm,
Color: green-yellow, Mounting type: NS 35/7.5, NS 35/15, NS 32
   
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 37 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
184.0 GRM
Country of origin
GERMANY
Technical data
General
Number of levels
1
Number of connections
2
Color
green-yellow
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
20 mm
Length
70.5 mm
Height NS 35/15
83.5 mm
Height NS 32
81.5 mm
Technical data
Maximum load current
150 A (with 50 mm2 conductor cross section)


Similar Part No. - 0443049

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0443000400 MOLEX6-0443000400 Datasheet
135Kb / 2P
3.00mm (.118") Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 4 Circuits
0443000600 MOLEX6-0443000600 Datasheet
135Kb / 2P
3.00mm (.118") Micro-Fit 3.0 BMI Plug Housing, Dual Row, Panel Mount, 6 Circuits
0443000800 MOLEX6-0443000800 Datasheet
135Kb / 2P
3.00mm (.118") Micro-Fit 3.0 BMI Plug Housing, Dual Row, Panel Mount, 8 Circuits
logo
Littelfuse
0443001.DR LITTELFUSE-0443001.DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
logo
Molex Electronics Ltd.
0443001000 MOLEX6-0443001000 Datasheet
135Kb / 2P
3.00mm (.118") Micro-Fit 3.0 BMI Plug Housing, Dual Row, Panel Mount, 10 Circuits
More results

Similar Description - 0443049

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0441025 PHOENIX-0441025 Datasheet
69Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441083 PHOENIX-0441083 Datasheet
92Kb / 7P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441119 PHOENIX-0441119 Datasheet
91Kb / 8P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441517 PHOENIX-0441517 Datasheet
64Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0443023 PHOENIX-0443023 Datasheet
90Kb / 8P
Ground modular terminal block, Connection method: Screw connection, Cross section
0444019 PHOENIX-0444019 Datasheet
82Kb / 6P
Ground modular terminal block, Connection method: Screw connection, Cross section
0444048 PHOENIX-0444048 Datasheet
68Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0446017 PHOENIX-0446017 Datasheet
60Kb / 4P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441041 PHOENIX-0441041 Datasheet
84Kb / 6P
Ground modular terminal block, Connection method: Screw connection, Cross section
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com