Electronic Components Datasheet Search
  English  ▼

X  

0444048 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0444048
Description  Ground modular terminal block, Connection method: Screw connection, Cross section
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0444048 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0444048 Datasheet HTML 1Page - PHOENIX CONTACT 0444048 Datasheet HTML 2Page - PHOENIX CONTACT 0444048 Datasheet HTML 3Page - PHOENIX CONTACT 0444048 Datasheet HTML 4Page - PHOENIX CONTACT 0444048 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0444048
14.05.2012   Page 4 / 5
Ground modular terminal block - USLKG 6N-1 - 0444048
Approvals
cULus Recognized 
Accessories
Accessories
Assembly
DIN rail - NS 35/15-2,3 UNPERF 2000MM - 1201798
DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m
 
 
Marking
Zack marker strip - ZB 8:SO/CMS - 1050512
Zack marker strip, white, For terminal block width: 8 mm
 
 
Marker cards - SBS 8:UNBEDRUCKT - 1007235
Marker cards, Card, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into tall marker groove, Snap into flat marker groove, For terminal block width: 8.2 mm, Lettering field: 6 x 8.1 mm
 
 
Zack marker strip - ZB 8:UNBEDRUCKT - 1052002
Zack marker strip, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into tall marker groove, For terminal block width: 8.2 mm, Lettering field: 10.5 x 8.15 mm
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com