Electronic Components Datasheet Search
  English  ▼

X  

2807 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2807
Description  Mini-Node CATV Optical Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2807 Datasheet(HTML) 2 Page - Emcore Corporation

  2807 Datasheet HTML 1Page - Emcore Corporation 2807 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF & Optical Characteristics
Parameter
Min
Typ
Max
Units
CATV RECEIVER
Optical Input Power
-8.0
0.0
+4.5
dBm
Channel Loading
-
-
110
Ch.
Operating Wavelength
1290
1310
1330
nm
Operating Wavelength
1490
1550
1610
nm
Bandwidth
50
-
860
MHz
Output RF Impedance
-
75
-
Ohms
RF Output Level
-
-
+38
dBmV
RF Output Return Loss
-
16
-
dB
Backreflection Tolerance
-
-
-50
dB
Required Fiber Bandwidth
2,000
-
-
MHz
Composite Second Order (CSO)
-
-63
-
dBc
Composite Triple Beat (CTB)
-
-66
-
dBc
Carrier-to-Noise Ratio
See Graph
dB
RETURN PATH MODULES
Operating Wavelength
1290
1310
1330
nm
Operating Wavelength
1490
1550
1610
nm
Optical Output (FP Laser)
-
1.5
-
mW
Optical Output (DFB Laser)
-
3.0
-
mW
Bandwidth
5
-
42
MHz
System performance specifications indicated for use with 9/125 µm singlemode fiber
.
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Power Supply Voltage
+10
+12
+15
VDC
Power Dissipation
-
10
-
Watts
Physical Characteristics
Parameter
Min
Typ
Max
Units
Weight
-
1.0
283.5
-
oz
g
Dimensions
-
8.45 x 2.95 x 1.75
215 x 75 x 45
-
in
mm
Environmental Characteristics
Parameter
Min
Typ
Max
Units
Operating Temperature Range
0
-
+50
OC
Storage Temperature Range
-20
-
+70
OC
Humidity (RH, non-condensing)
5
-
95
%
Model 2807
Mini-Node CATV Optical Receiver
Carrier-to-Noise Performance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com