Electronic Components Datasheet Search
  English  ▼

X  

2990PRO Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2990PRO
Description  DBS L-Band Transport
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2990PRO Datasheet(HTML) 2 Page - Emcore Corporation

  2990PRO Datasheet HTML 1Page - Emcore Corporation 2990PRO Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental Characteristics
2990 PRO
DBS L-Band Transport
Optical Characteristics
Parameter
Min
Type
Max
Units
Operating Temp. Range
-40
-
+60
°C
Storage Temp. Range
-45
-
+70
°C
Relative Humidity
5
-
95
%
Parameter
Min
Typ
Max
Units
Operating Wavelength
-
1310
-
nm
Tx Optical Output Power
+2
+3
+4
dBm
Rx Optical Input Power
-20
-
+4
dBm
Optical Loss Range
0
9
dB
Physical Characteristics
Parameter
Min
Type
Max
Units
Weight
12.8
363
oz
g
PhysicalDimensions
5.25x 2.56 x 1.25
133 x 65 x 32
in
mm
Parameter
Min
Typ
Max
Units
Power Supply Voltage (Tx)
+23.0
+24.0
+25.0
VDC
Power Supply Current (Tx), no LNB
100
110
mA
Power Supply Current (Tx), LNB1
400
410
mA
Power Supply Voltage (Rx)
+23.0
+24.0
+25.0
VDC
Power Supply Current (Rx)
100
110
mA
Electrical Characteristics
Informationcontainedhereinisdeemedtobereliableandaccurateasofissuedate.EMCOREreservestherighttochangethedesignorspecificationsoftheproductatanytimewithoutnotice.EMCOREandthe
EMCORE logo are trademarks of EMCORE Corporation.
DBS Tx and Rx Options
Model Number
Tx, 1310 nm, SC/APC
2990P-T-1310-SA
Tx, 1310 nm, FC/APC
2990P-T-1310-FA
Rx, 1310 nm, SC/APC
2990P-R-SA
Rx, 1310 nm, SC/APC
2990P-R-FA
Ordering Information
SATCOM
RF Characteristics
Parameter
Min
Typ
Max
Units
RF Bandwidth
950
-
2200
MHz
Amplitude Flatness
2.0
-
3.0
dB p-p
RF Input Range
-60
-
-15
dBm
System Gain (0 dB Optical Loss)
18
20
22
dB
System Gain (9 dB Optical Loss)
0
2
4
dB
System Gain variation over temperature
-2
-
+2
dB
Noise Figure (0 dB Optical Loss)
-
22
24
dB
Noise Figure (9 dB Optical Loss)
-
31
35
dB
Input 1 dB Compression
-
-8
-
dBm
Output 1 dB Compression
-
+11
-
dBm
Intermodulation Distortion1
-
-50
-40
dBc
Group Delay
-
0.5
1.0
ns
Tx Input Return Loss
-
-13
-10
dB
Rx Output Return Loss
-
-20
-15
dB
1. Max LNB current 300 mA
1. Two -25 dBm tones @ 1000 and 1001 MHz
Rev: November 16, 2010
Copyright® 2008 Emcore Corporation
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com
Copyright© 2010 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com