Electronic Components Datasheet Search
  English  ▼

X  

2991T Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2991T
Description  Outdoor Enclosure for 2991 L.Band Links
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2991T Datasheet(HTML) 2 Page - Emcore Corporation

  2991T Datasheet HTML 1Page - Emcore Corporation 2991T Datasheet HTML 2Page - Emcore Corporation 2991T Datasheet HTML 3Page - Emcore Corporation 2991T Datasheet HTML 4Page - Emcore Corporation 2991T Datasheet HTML 5Page - Emcore Corporation 2991T Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3091A
Outdoor Enclosure for 2991 L–Band Links
Copyright © 2009 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com
Environmental
Ambient outside air temperature: -30 to 50°C
Storage temperature: -40°C to +85°C
Start Up Temperature: 0°C min
Humidity, non-condensing: 5 to 95%
Absolute Maximum Rating (damage may o cur beyond these limits) < -30°C and > +70°C
Electrical
Parameter
Minimum
Type
Maximum
Unit
AC Voltage
95
-
240
VAC
AC Current
-
-
2
AMPS
AC Power Input (Connector J1)
Compatible with 0.5 inch cable diameters and styles.
Pin
Function
1
Line
2
Neutral
3
Ground
CircuitBreakerSwitch:5amptrigger
Mating Connector for J1
Face View (Mating Side)
Rear View (Solder Side)
1
2
3
1
2
3
SATCOM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com