Electronic Components Datasheet Search
  English  ▼

X  

IMB206 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IMB206
Description  TPM supported
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IMB206 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IMB206 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
162
* All specifications and photos are subject to change without notice.
axiomtek.com
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-
boards
Slot
CPU
Cards
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
Audio
PCIe x1
8-pin power
output conn
SATA 3.0 1/2
CFast™
Front panel
D I/O
PCI
PCIe x16
PCIe x4
COM 2/3/4
USB 5/6/7/8
SATA 2.0 1/2/3
24-pin ATX
power conn.
COM/DVI-I
M/S conn
K/B conn
PS/2 K/B + M/S
USB 3/4 +
DisplayPort 1
Ethernet 1/2
+12V ATX
power conn
CPU fan
DDR3 DIMM
USB 1/2 +
DisplayPort 1
IMB206
LGA1155 Socket Intel
® Core™ i7/ i5/ i3 ATX
Industrial Motherboard with Intel
® Q67 PCH
Chipset, DVI-I/DisplayPort, Dual LANs and
CFast™
● LGA1155 socket 2nd Generation Intel
® Core™ i7/ i5/ i3
processors (Sandy Bridge)
● 4 DDR3-1066/1333 DIMM support up to 16 GB
● Dual View (2 x DisplayPort + 1 x DVI-D or VGA)
● PCIe Gen. 2 at 5GT/s
● SATA-600 supported
● 12 USB 2.0 ports supported
● CFast™ supported
● TPM supported
● iAMT 7.0 supported
I/O
Ordering Information
Packing List
System
MIO
1 x PS/2 keyboard
1 x PS/2 mouse
3 x RS-232 (COM 2/3/4)
1 x RS-232/422/485 (COM 1)
SATA
2 x SATA-600 & 3 x SATA-300 with RAID 0/1/5/10
Hardware Monitoring
Detect CPU/system temperature, voltage and support
Smart fan control
Ethernet
1st port as 10/100/1000 Mbps supports Wake-on-LAN, PXE
Boot ROM, iAMT with Intel
® 82579LM
2nd port as 10/100/1000 Mbps supports Wake-on-LAN, PXE
Boot ROM with Intel
® 82583V
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662 speaker-out with 1W/8ohm x 2
USB
12 x USB 2.0 port
TPM
Infineon SLB9635 for trusted platform
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels (4-IN & 4-OUT)
Standard
IMB206DGGA
LGA1155 socket ATX industrial M/B with DisplayPort/DVI-I,
2 10/100/1000Mbps Ethernet, 4 COM, RAID and HD audio
* Discrete graphic card is necessary for display if the chosen CPU doesn't have
integrated graphics support.
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
593826A0000E
SATA signal cable 500mm
1
59380502000E
COM+printer cable w/ braket
1
CPU
LGA1155 socket for 2nd Generation Intel
® Core™ i7/ i5/ i3
processors (Sandy Bridge)
System Memory
4 x 240-pin DIMM supports DDR3-1066/1333 max.
up to 16 GB
Chipset
Intel
® Q67 PCH
BIOS
AMI
SSD
1 x CFast™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCIe x16 Gen. 2 (slot 2)
1 x PCIe x4 Gen. 2
2 x PCIe x1 Gen. 2
3 x PCI
Battery
Lithium 3 V/220 mAH
Power Requirements
Intel
® Quad core CPU, 8 GB DDR3, Max. RMS 12V @ 2.4A,
+5V @ 1.6A, +3V @ 1.6A, 5V_SB @ 0.2A.
Size
305 x 244 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Features
Side view
CFastTM
DDR3
DDR3
DDR3
Display
Chipset
Intel
® HD 2000/3000 Graphics
Memory Size
Max. 1.7 GB
Display Interface
2 x DP
1 x DVI-I


Similar Part No. - IMB206

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB206 AXIOMTEK-IMB206 Datasheet
300Kb / 2P
4 DDR3-1066/1333 DIMM support up to 16 GB
IMB206DGGA AXIOMTEK-IMB206DGGA Datasheet
300Kb / 2P
4 DDR3-1066/1333 DIMM support up to 16 GB
IMB206DGGA AXIOMTEK-IMB206DGGA Datasheet
282Kb / 1P
LGA1155 socket 2nd gen Intel짰 Core i7/i5/i3 & Celeron processor (Sandy Bridge)
IMB206 AXIOMTEK-IMB206_14 Datasheet
300Kb / 2P
4 DDR3-1066/1333 DIMM support up to 16 GB
IMB206 AXIOMTEK-IMB206_16 Datasheet
241Kb / 1P
4 DDR3-1066/1333 DIMM support up to 16 GB
More results

Similar Description - IMB206

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB208 AXIOMTEK-IMB208 Datasheet
216Kb / 1P
TPM 1.2 supported
MANO831 AXIOMTEK-MANO831 Datasheet
274Kb / 1P
TPM 1.2 supported
MANO860 AXIOMTEK-MANO860 Datasheet
261Kb / 1P
iAMT supported
logo
AAEON Technology
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
supports tpm
IMBM-Q87A AAEON-IMBM-Q87A Datasheet
461Kb / 2P
tpm support
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
tpm support
FWS-7821 AAEON-FWS-7821 Datasheet
407Kb / 2P
TPM Supported (Optional Request), RAID 0,1 Supported
logo
Infineon Technologies A...
SLB9660TPM1.2 INFINEON-SLB9660TPM1.2 Datasheet
487Kb / 23P
OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9672TPM2.0 INFINEON-SLB9672TPM2.0 Datasheet
517Kb / 21P
OPTIGA™ TPM
Revision 1.0 2022-01-20
SLB9673TPM2.0 INFINEON-SLB9673TPM2.0 Datasheet
564Kb / 22P
OPTIGA™ TPM
Revision 1.1 2022-07-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com