Electronic Components Datasheet Search
  English  ▼

X  

PE44487 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44487
Description  3.5mm MALE FOR PE310 WNA TEST CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44487 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44487 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE44487

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4448 PASTERNACK-PE4448 Datasheet
118Kb / 1P
TNC MALE CLAMP ATTACHMENT
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44483 PASTERNACK-PE44483 Datasheet
318Kb / 3P
SMP Male Bulkhead Connector Solder Attachment For PE-SR405AL PE-SR405FL RG405 4.83 mm Diameter
More results

Similar Description - PE44487

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44484 PASTERNACK-PE44484 Datasheet
104Kb / 1P
PRECISION 7mm FOR PE310 VNA TEST CABLE
PE44485 PASTERNACK-PE44485 Datasheet
84Kb / 1P
N MALE FOR PE310 VNA TEST CABLE
PE44486 PASTERNACK-PE44486 Datasheet
217Kb / 1P
N FEMALE FOR PE310 VNA TEST CABLE
PE44488 PASTERNACK-PE44488 Datasheet
86Kb / 1P
3.5mm FEMALE FOR PE310 WNA TEST CABLE
PE315-36 PASTERNACK-PE315-36 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE315-72 PASTERNACK-PE315-72 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE315 PASTERNACK-PE315 Datasheet
333Kb / 4P
3.5mm Male to 3.5mm Male VNA Test Cable, ROHS
PE369 PASTERNACK-PE369 Datasheet
364Kb / 4P
3.5mm Male to 3.5mm Male Test Cable Using PE-P160 Coax, RoHS
PE369-60 PASTERNACK-PE369-60 Datasheet
381Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 60 Inch Length Using PE-P160 Coax
PE369-150CM PASTERNACK-PE369-150CM Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 150 CM Length Using PE-P160 Coax, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com