Electronic Components Datasheet Search
  English  ▼

X  

EOS-6000 Datasheet(PDF) 2 Page - Emcore Corporation

Part # EOS-6000
Description  Optical A/B Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

EOS-6000 Datasheet(HTML) 2 Page - Emcore Corporation

  EOS-6000 Datasheet HTML 1Page - Emcore Corporation EOS-6000 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET | OCTOBER 2012
FIBER OPTICS
| REV 2012.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
General and Mechanical Specifications
Property
Requirement
Comments
Switching Threshold
20 dB range – see ordering info
Settable within range
Switching Mode
Auto, Manual, remote
Optical Connector
SC/APC
Other styles available
Monitoring Interfaces
100 Base-T Ethernet
Rear Panel RS-232 interface
LED Indicators
SNMP v1
Reserved for Factory Use
Power, Main, Backup, and Output Indicators
Operating Temperature
0
C to 50C
Storage Temperature
-25
C to 65C
Agency Listings
FCC: Subpart B. Part 15, class “A” Unintentional
Radiators
Power Consumption
5W
Maximum
Supply Range
(VDC)
(VAC)
85 to 240 VAC, 50/60 Hz
36 - 72 VDC
Dimensions
430x300x44mm
Model Number Information (note 1)
6000 – 0S
□ - □ □ □ □
Operating
Wavelenghth
Optics
Power
Supply
Switching Threshold
range
EMCORE Logo
3 – 1310nm
1 – SC/APC
1 – AC
1 – [-30, -10] dBm
0 – No
5 – 1550nm
2 – FC/APC
2 – DC
2 – [-20, 0] dBm
2 – Yes
3 – SC/UPC
3 – [-10, 10] dBm
4 – FC/UPC
4 – [0, 20] dBm
5 – LC/UPC
6- LC/APC
Note 1: Not all configurations are available - contact factory.
Example: 6000-0S5-1232
1550nm, SC/APC connectors, DC power supply, -10 to + 10 dBm input range, EMCORE Logo.
EOS-6000 Optical A/B Switch



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com