Electronic Components Datasheet Search
  English  ▼

X  

PE9110 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9110
Description  TNC Male to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9110 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9110 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9110 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Male to BNC Male Adapter
Configuration
Connector 1
TNC Male
Impedance 1
50 Ohms
Connector 2
BNC Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.234 [31.34]
Width/Dia., in [mm]
0.59 [14.99]
.
Connector 1
Type
TNC Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/tnc-male-bnc-male-straight-adapter-pe9110-p.aspx
TNC Male to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
TNC Male to BNC Male Adapter
PE9110
PE9110 REV


Similar Part No. - PE9110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91101 PASTERNACK-PE91101 Datasheet
491Kb / 3P
SMP Female to SMP Female Adapter .374 Special Length
PE91102 PASTERNACK-PE91102 Datasheet
495Kb / 3P
SMP Female to SMP Female Adapter .377 Special Length
PE91103 PASTERNACK-PE91103 Datasheet
252Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
PE91105 PASTERNACK-PE91105 Datasheet
434Kb / 4P
Bulkhead Mount Isolated Ground BNC Triax Female to BNC Triax Female Adapter
More results

Similar Description - PE9110

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3533 POMONA-3533 Datasheet
25Kb / 1P
Adapter BNC Male To Male
3844 POMONA-3844 Datasheet
52Kb / 1P
TNC Male To BNC Female Adapter
logo
Pasternack Enterprises,...
PE9000 PASTERNACK-PE9000 Datasheet
246Kb / 3P
BNC Male to BNC Male Adapter
PE9088 PASTERNACK-PE9088 Datasheet
246Kb / 3P
TNC Male to BNC Female Adapter
PE9098 PASTERNACK-PE9098 Datasheet
248Kb / 2P
TNC Female to BNC Male Adapter
PE9445 PASTERNACK-PE9445 Datasheet
255Kb / 3P
Precision TNC Male to TNC Male Adapter
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
75 Ohm TNC Female to BNC Male Adapter
PE9783 PASTERNACK-PE9783 Datasheet
243Kb / 2P
TNC Male to BNC Female Right Angle Adapter
logo
3M Electronics
3533 3M-3533 Datasheet
27Kb / 2P
Adapter BNC Male To Male
28-May-2002
logo
Pasternack Enterprises,...
PE9091 PASTERNACK-PE9091 Datasheet
362Kb / 4P
TNC Male to TNC Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com