Electronic Components Datasheet Search
  English  ▼

X  

PE9121 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9121
Description  SMC Jack to SMC Jack Bulkhead Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9121 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9121 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9121 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9121 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Jack to SMC Jack Bulkhead Adapter
Configuration
Connector 1
SMC Jack
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
SMC Jack
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 10
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.69 [17.53]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
SMC Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
SMC Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
SMC Jack to SMC Jack Bulkhead Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack to SMC Jack Bulkhead Adapter PE9121
PE9121
PE9121 REV


Similar Part No. - PE9121

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91210 PASTERNACK-PE91210 Datasheet
365Kb / 3P
Bulkhead 7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91211 PASTERNACK-PE91211 Datasheet
358Kb / 3P
7 - 16 DIN Male to N Male Adapter IP67 Mated
PE91212 PASTERNACK-PE91212 Datasheet
356Kb / 3P
7 - 16 DIN Male to N Female Adapter IP67 Mated
PE91213 PASTERNACK-PE91213 Datasheet
355Kb / 3P
7 - 16 DIN Female to N Female Adapter IP67 Mated
PE91214 PASTERNACK-PE91214 Datasheet
357Kb / 3P
7 - 16 DIN Female to N Male Adapter IP67 Mated
More results

Similar Description - PE9121

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
Bulkhead SMC Jack to BNC Female Adapter
PE9115 PASTERNACK-PE9115 Datasheet
76Kb / 1P
SMC JACK TO SMC JACK
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
SMC PLUG TO SMC JACK
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9228 PASTERNACK-PE9228 Datasheet
244Kb / 2P
75 Ohm SMC Jack to SMC Jack Bulkhead Adapter
PE9283 PASTERNACK-PE9283 Datasheet
239Kb / 2P
SMC Jack to SMB Jack Adapter
PE9303 PASTERNACK-PE9303 Datasheet
249Kb / 3P
SMC Plug to SMC Jack Right Angle Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
SMC Tee Adapter Jack-Plug-Jack
PE91403 PASTERNACK-PE91403 Datasheet
362Kb / 4P
SMC Jack to SMC Jack Bulkhead Mount Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com