Electronic Components Datasheet Search
  English  ▼

X  

PE9124 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9124
Description  N Male to C Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9124 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9124 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9124 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9124 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male to C Female Adapter
Configuration
Connector 1
N Male
Connector Specification 1
MIL-STD-348A
Connector 2
C Female
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.464 [37.19]
Width/Dia., in [mm]
0.827 [21.01]
.
Dielectric Type
Teflon
Connector 1
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
C Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
N Male to C Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to C Female Adapter PE9124
PE9124
PE9124 REV


Similar Part No. - PE9124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91240 PASTERNACK-PE91240 Datasheet
355Kb / 3P
TNC Male to TNC Female Adapter IP67 UnMated
PE91241 PASTERNACK-PE91241 Datasheet
353Kb / 3P
TNC Female to TNC Female Adapter IP67 UnMated
PE91242 PASTERNACK-PE91242 Datasheet
361Kb / 3P
Bulkhead TNC Female to TNC Female Adapter IP67 UnMated
PE91243 PASTERNACK-PE91243 Datasheet
360Kb / 3P
7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE91244 PASTERNACK-PE91244 Datasheet
359Kb / 3P
7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
More results

Similar Description - PE9124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9087 PASTERNACK-PE9087 Datasheet
253Kb / 3P
BNC Female to C Male Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE9212 PASTERNACK-PE9212 Datasheet
235Kb / 2P
HN Female to C Male Adapter
PE9239 PASTERNACK-PE9239 Datasheet
240Kb / 2P
N Male to C Female Right Angle Adapter
PE9295 PASTERNACK-PE9295 Datasheet
246Kb / 2P
N Female to C Male Adapter
PE9538 PASTERNACK-PE9538 Datasheet
247Kb / 2P
N Male to C Male Adapter
PE9539 PASTERNACK-PE9539 Datasheet
239Kb / 2P
N Female to C Female Adapter
PE9564 PASTERNACK-PE9564 Datasheet
254Kb / 2P
TNC Female to C Male Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com