Electronic Components Datasheet Search
  English  ▼

X  

PE9131 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9131
Description  N Female to TNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9131 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9131 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9131 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9131 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female to TNC Female Adapter
Configuration
Connector 1
N Female
Connector Specification 1
MIL-STD-348A
Connector 2
TNC Female
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.102 [27.99]
Width/Dia., in [mm]
0.625 [15.88]
.
Dielectric Type
Teflon
Connector 1
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
TNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
N Female to TNC Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female to TNC Female Adapter PE9131
PE9131
PE9131 REV


Similar Part No. - PE9131

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91310 PASTERNACK-PE91310 Datasheet
327Kb / 3P
SMA Male to SMP Male Limited Detent Adapter
PE91311 PASTERNACK-PE91311 Datasheet
325Kb / 3P
SMA Male to SMP Male Smooth Bore Adapter
PE91312 PASTERNACK-PE91312 Datasheet
326Kb / 3P
SMA Male to SMP Female Adapter
More results

Similar Description - PE9131

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
78800 AMPHENOL-78800 Datasheet
79Kb / 1P
ADAPTER N MALE TO TNC FEMALE
logo
Pasternack Enterprises,...
PE9089 PASTERNACK-PE9089 Datasheet
253Kb / 3P
N Female to TNC Male Adapter
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9097 PASTERNACK-PE9097 Datasheet
242Kb / 3P
TNC Female to BNC Female Adapter
PE9099 PASTERNACK-PE9099 Datasheet
245Kb / 3P
TNC Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
N Female to TNC Female Bulkhead Adapter
PE9629 PASTERNACK-PE9629 Datasheet
244Kb / 2P
75 Ohm N Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9449 PASTERNACK-PE9449 Datasheet
232Kb / 2P
Precision N Female to TNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com