Electronic Components Datasheet Search
  English  ▼

X  

PE6009 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6009
Description  50 ohm 2 Watts Precision Brass N Male RF Load uppp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6009 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6009 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6009 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 2 Watts Precision Brass N Male RF Load Up To 18 GHz
50 Ohm 2 Watts Precision Brass N Male RF Load Up To 18 GHz
Configuration
RF Load Design
Precision
Connector
N Male
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Input Power, Watts
2
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +125
Size
Length, in [mm]
0.98 [24.89]
Width/Dia., in [mm]
0.69 [17.53]
.
Weight, lbs [g]
0.08 [36.29]
Connector
Type
N Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/2-watts-n-male-rf-load-up-to-18-ghz-precision-pe6009-p.aspx
50 Ohm 2 Watts Precision Brass N Male RF Load Up To 18 GHz from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
PE6009
PE6009 REV


Similar Part No. - PE6009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6000-50 PASTERNACK-PE6000-50 Datasheet
76Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6000-75 PASTERNACK-PE6000-75 Datasheet
76Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6000-93 PASTERNACK-PE6000-93 Datasheet
77Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6001-50 PASTERNACK-PE6001-50 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
PE6001-93 PASTERNACK-PE6001-93 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
More results

Similar Description - PE6009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE6075 PASTERNACK-PE6075 Datasheet
247Kb / 2P
50 ohm 2 Watts precision Brass N Male RF Load With Chain Up To 18 GHz
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6176 PASTERNACK-PE6176 Datasheet
360Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6227 PASTERNACK-PE6227 Datasheet
525Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6149 PASTERNACK-PE6149_13 Datasheet
204Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PE6157 PASTERNACK-PE6157_13 Datasheet
209Kb / 2P
50 Ohm 2 Watts Brass TNC Male RF Load Up To 2 GHz
PE6158 PASTERNACK-PE6158_13 Datasheet
208Kb / 2P
50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com