Electronic Components Datasheet Search
  English  ▼

X  

PE9136 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9136
Description  SMB Jack to BNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9136 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9136 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9136 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMB Jack to BNC Female Adapter
Configuration
Connector 1
SMB Jack
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.272 [32.31]
Width/Dia., in [mm]
0.445 [11.3]
.
Connector 1
Type
SMB Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
3µ-5µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
3µ-5µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smb-jack-bnc-female-straight-adapter-pe9136-p.aspx
SMB Jack to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMB Jack to BNC Female Adapter
PE9136
PE9136 REV


Similar Part No. - PE9136

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91360 PASTERNACK-PE91360 Datasheet
355Kb / 4P
SMA Male to MMBX Plug Snap-On Adapter, with male center contact
PE91361 PASTERNACK-PE91361 Datasheet
356Kb / 4P
SMA Female to MMBX Plug Snap-On Adapter, with male center contact
PE91362 PASTERNACK-PE91362 Datasheet
355Kb / 4P
SMA Male to MMBX Jack Push-On Adapter, with female center contact
PE91363 PASTERNACK-PE91363 Datasheet
355Kb / 4P
SMA Female to MMBX Jack Push-On Adapter, with female center contact
PE91364 PASTERNACK-PE91364 Datasheet
526Kb / 5P
Push-On SMP Female to MMBX Plug Snap-On Adapter, with male center contact
More results

Similar Description - PE9136

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9132 PASTERNACK-PE9132 Datasheet
236Kb / 2P
SMB Jack to BNC Male Adapter
PE9137 PASTERNACK-PE9137 Datasheet
249Kb / 3P
SMB Plug to BNC Female Adapter
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9240 PASTERNACK-PE9240 Datasheet
254Kb / 3P
Bulkhead SMB Jack to BNC Female Adapter
PE9241 PASTERNACK-PE9241 Datasheet
240Kb / 2P
Bulkhead SMB Plug to BNC Female Adapter
PE9315 PASTERNACK-PE9315 Datasheet
246Kb / 2P
N Female to SMB Jack Adapter
PE9619 PASTERNACK-PE9619 Datasheet
251Kb / 2P
75 Ohm Mini SMB Jack to BNC Female Adapter
logo
Huber+Suhner, Inc.
31_BNC-SMB-50-21--_U HUBERSUHNER-31_BNC-SMB-50-21--_U Datasheet
527Kb / 2P
COAXIAL ADAPTER, BNC - SMB, 50 Ohm, jack / jack (female / female)
34_BNC-SMB-50-1133_N HUBERSUHNER-34_BNC-SMB-50-1133_N Datasheet
507Kb / 2P
COAXIAL ADAPTER, BNC - SMB, 50 Ohm, Bulkhead, jack / jack (female / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com