Electronic Components Datasheet Search
  English  ▼

X  

PE9137 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9137
Description  SMB Plug to BNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9137 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9137 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9137 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9137 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMB Plug to BNC Female Adapter
Configuration
Connector 1
SMB Plug
Connector Specification 1
MIL-STD-348A
Connector 2
BNC Female
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.26 [32]
Width/Dia., in [mm]
0.453 [11.51]
.
Dielectric Type
Teflon
Connector 1
Type
SMB Plug
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMB Plug to BNC Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug to BNC Female Adapter PE9137
PE9137
PE9137 REV


Similar Part No. - PE9137

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91370 PASTERNACK-PE91370 Datasheet
356Kb / 4P
Slide-On MMBX Plug to MMBX Plug Snap-On Adapter, 4.8mm Long Bullet
PE91371 PASTERNACK-PE91371 Datasheet
354Kb / 4P
Slide-On MMBX Plug to MMBX Plug Slide-On Adapter, 9.7mm Long bullet
PE91372 PASTERNACK-PE91372 Datasheet
355Kb / 4P
Snap-On MMBX Plug to MMBX Plug Slide-On Adapter, 12mm Long Bullet
PE91373 PASTERNACK-PE91373 Datasheet
355Kb / 4P
Slide-On MMBX Plug to MMBX Plug Snap-On Adapter, 7mm Long Bullet
More results

Similar Description - PE9137

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9135 PASTERNACK-PE9135 Datasheet
253Kb / 3P
SMB Plug to BNC Male Adapter
PE9136 PASTERNACK-PE9136 Datasheet
245Kb / 2P
SMB Jack to BNC Female Adapter
PE9142 PASTERNACK-PE9142 Datasheet
249Kb / 3P
SMA Female to SMB Plug Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9240 PASTERNACK-PE9240 Datasheet
254Kb / 3P
Bulkhead SMB Jack to BNC Female Adapter
PE9241 PASTERNACK-PE9241 Datasheet
240Kb / 2P
Bulkhead SMB Plug to BNC Female Adapter
PE9316 PASTERNACK-PE9316 Datasheet
257Kb / 3P
N Female to SMB Plug Adapter
PE9395 PASTERNACK-PE9395 Datasheet
245Kb / 3P
SSMB Plug to BNC Female Adapter
PE9617 PASTERNACK-PE9617 Datasheet
251Kb / 2P
75 Ohm Mini SMB Plug to BNC Female Adapter
logo
Pomona Electronics
MODEL5319 POMONA-MODEL5319 Datasheet
18Kb / 1P
Adapter ??BNC Female To Phono Plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com