Electronic Components Datasheet Search
  English  ▼

X  

PE9145 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9145
Description  SMA Male to SMB Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9145 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9145 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9145 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male to SMB Jack Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
SMB Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.805 [20.45]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SMB Jack
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-smb-jack-straight-adapter-pe9145-p.aspx
SMA Male to SMB Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Male to SMB Jack Adapter
PE9145
PE9145 REV


Similar Part No. - PE9145

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE9145DEV PLETRONICS-PE9145DEV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
PE9145DV PLETRONICS-PE9145DV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9145

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE9132 PASTERNACK-PE9132 Datasheet
236Kb / 2P
SMB Jack to BNC Male Adapter
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
PE9144 PASTERNACK-PE9144 Datasheet
233Kb / 2P
SMA Male to SMB Plug Adapter
PE9313 PASTERNACK-PE9313 Datasheet
252Kb / 2P
N Male to SMB Jack Adapter
logo
Amphenol Corporation
242144 AMPHENOL-242144 Datasheet
51Kb / 1P
SMA PLUG TO SMB JACK ADAPTER
logo
Linx Technologies
ADP-SMAF-SMBF-G LINX-ADP-SMAF-SMBF-G Datasheet
896Kb / 4P
SMA Jack to SMB Jack Adapter
2020
ADP-SMAF-SMBM-G LINX-ADP-SMAF-SMBM-G Datasheet
906Kb / 4P
SMA Jack to SMB Plug Adapter
2020
ADP-SMAM-SMBF-G LINX-ADP-SMAM-SMBF-G Datasheet
901Kb / 4P
SMA Plug to SMB Jack Adapter
2020
logo
Molex Electronics Ltd.
0733860202 MOLEX-0733860202 Datasheet
29Kb / 1P
50 Ohms, SMB Jack-to-SMA Jack Adapter, Tray
08/27/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com