Electronic Components Datasheet Search
  English  ▼

X  

PE9146 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9146
Description  SMA Female to SMC Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9146 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9146 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9146 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to SMC Plug Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
SMC Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.64 [16.26]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SMC Plug
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-smc-plug-straight-adapter-pe9146-p.aspx
SMA Female to SMC Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to SMC Plug Adapter
PE9146
PE9146 REV


Similar Part No. - PE9146

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9140 PASTERNACK-PE9140 Datasheet
241Kb / 2P
SMC Jack to BNC Female Adapter
PE91400 PASTERNACK-PE91400 Datasheet
360Kb / 4P
Slide-On BMA Jack to SMA Female Adapter
PE91401 PASTERNACK-PE91401 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Male Adapter
PE91402 PASTERNACK-PE91402 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Female Adapter
PE91403 PASTERNACK-PE91403 Datasheet
362Kb / 4P
SMC Jack to SMC Jack Bulkhead Mount Adapter
More results

Similar Description - PE9146

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9141 PASTERNACK-PE9141 Datasheet
251Kb / 3P
SMC Plug to BNC Female Adapter
PE9147 PASTERNACK-PE9147 Datasheet
245Kb / 2P
SMA Female to SMC Jack Adapter
PE9148 PASTERNACK-PE9148 Datasheet
245Kb / 3P
SMA Male to SMC Plug Adapter
PE9320 PASTERNACK-PE9320 Datasheet
247Kb / 2P
N Female to SMC Plug Adapter
PE9475 PASTERNACK-PE9475 Datasheet
240Kb / 2P
SMA Female to MMCX Plug Adapter
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9141 PASTERNACK-PE9141 Datasheet
251Kb / 3P
SMC Plug to BNC Female Adapter
logo
Amphenol Corporation
242177 AMPHENOL-242177 Datasheet
52Kb / 1P
SMA PLUG TO SMC PLUG ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com