Electronic Components Datasheet Search
  English  ▼

X  

PE9147 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9147
Description  SMA Female to SMC Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9147 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9147 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9147 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to SMC Jack Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
Mil-STD-348A
Connector 2
SMC Jack
Impedance 2
50 Ohms
Connector Specification 2
Mil-STD-348A
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.71 [18.03]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
SMC Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-smc-jack-straight-adapter-pe9147-p.aspx
SMA Female to SMC Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to SMC Jack Adapter
PE9147
PE9147 REV


Similar Part No. - PE9147

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9140 PASTERNACK-PE9140 Datasheet
241Kb / 2P
SMC Jack to BNC Female Adapter
PE91400 PASTERNACK-PE91400 Datasheet
360Kb / 4P
Slide-On BMA Jack to SMA Female Adapter
PE91401 PASTERNACK-PE91401 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Male Adapter
PE91402 PASTERNACK-PE91402 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Female Adapter
PE91403 PASTERNACK-PE91403 Datasheet
362Kb / 4P
SMC Jack to SMC Jack Bulkhead Mount Adapter
More results

Similar Description - PE9147

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
Bulkhead SMC Jack to BNC Female Adapter
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
SMC Jack to SMC Jack Bulkhead Adapter
PE9140 PASTERNACK-PE9140 Datasheet
241Kb / 2P
SMC Jack to BNC Female Adapter
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
PE9146 PASTERNACK-PE9146 Datasheet
232Kb / 2P
SMA Female to SMC Plug Adapter
PE9149 PASTERNACK-PE9149 Datasheet
234Kb / 2P
SMA Male to SMC Jack Adapter
PE9477 PASTERNACK-PE9477 Datasheet
239Kb / 2P
SMA Female to MMCX Jack Adapter
PE9708 PASTERNACK-PE9708 Datasheet
253Kb / 2P
SMA Female to FME Jack Adapter
PE91006 PASTERNACK-PE91006 Datasheet
252Kb / 3P
SMA Female to UMCX Jack Adapter
PE91433 PASTERNACK-PE91433 Datasheet
492Kb / 4P
SMA Female to SSMC Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com