Electronic Components Datasheet Search
  English  ▼

X  

PE9148 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9148
Description  SMA Male to SMC Plug Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9148 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9148 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9148 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9148 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to SMC Plug Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
SMC Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.814 [20.68]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMC Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Male to SMC Plug Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMC Plug Adapter PE9148
PE9148
PE9148 REV


Similar Part No. - PE9148

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9140 PASTERNACK-PE9140 Datasheet
241Kb / 2P
SMC Jack to BNC Female Adapter
PE91400 PASTERNACK-PE91400 Datasheet
360Kb / 4P
Slide-On BMA Jack to SMA Female Adapter
PE91401 PASTERNACK-PE91401 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Male Adapter
PE91402 PASTERNACK-PE91402 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Female Adapter
PE91403 PASTERNACK-PE91403 Datasheet
362Kb / 4P
SMC Jack to SMC Jack Bulkhead Mount Adapter
More results

Similar Description - PE9148

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9139 PASTERNACK-PE9139 Datasheet
252Kb / 3P
SMC Plug to BNC Male Adapter
PE9144 PASTERNACK-PE9144 Datasheet
233Kb / 2P
SMA Male to SMB Plug Adapter
PE9146 PASTERNACK-PE9146 Datasheet
232Kb / 2P
SMA Female to SMC Plug Adapter
PE9149 PASTERNACK-PE9149 Datasheet
234Kb / 2P
SMA Male to SMC Jack Adapter
PE9318 PASTERNACK-PE9318 Datasheet
248Kb / 2P
N Male to SMC Plug Adapter
PE9473 PASTERNACK-PE9473 Datasheet
247Kb / 2P
SMA Male to MCX Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
logo
Amphenol Corporation
242177 AMPHENOL-242177 Datasheet
52Kb / 1P
SMA PLUG TO SMC PLUG ADAPTER
logo
Pasternack Enterprises,...
PE3809LF PASTERNACK-PE3809LF Datasheet
279Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMC PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com