Electronic Components Datasheet Search
  English  ▼

X  

PE9149 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9149
Description  SMA Male to SMC Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9149 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9149 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9149 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male to SMC Jack Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
SMC Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.814 [20.68]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SMC Jack
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-smc-jack-straight-adapter-pe9149-p.aspx
SMA Male to SMC Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Male to SMC Jack Adapter
PE9149
PE9149 REV


Similar Part No. - PE9149

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9140 PASTERNACK-PE9140 Datasheet
241Kb / 2P
SMC Jack to BNC Female Adapter
PE91400 PASTERNACK-PE91400 Datasheet
360Kb / 4P
Slide-On BMA Jack to SMA Female Adapter
PE91401 PASTERNACK-PE91401 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Male Adapter
PE91402 PASTERNACK-PE91402 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Female Adapter
PE91403 PASTERNACK-PE91403 Datasheet
362Kb / 4P
SMC Jack to SMC Jack Bulkhead Mount Adapter
More results

Similar Description - PE9149

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
SMC Jack to SMC Jack Bulkhead Adapter
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
SMC Jack to BNC Male Adapter
PE9145 PASTERNACK-PE9145 Datasheet
234Kb / 2P
SMA Male to SMB Jack Adapter
PE9147 PASTERNACK-PE9147 Datasheet
245Kb / 2P
SMA Female to SMC Jack Adapter
PE9148 PASTERNACK-PE9148 Datasheet
245Kb / 3P
SMA Male to SMC Plug Adapter
PE9317 PASTERNACK-PE9317 Datasheet
247Kb / 2P
N Male to SMC Jack Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9478 PASTERNACK-PE9478 Datasheet
241Kb / 2P
SMA Male to MMCX Jack Adapter
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
SMC Jack to BNC Male Adapter
PE9226 PASTERNACK-PE9226 Datasheet
243Kb / 2P
TNC Male to SMC Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com