Electronic Components Datasheet Search
  English  ▼

X  

VOS617A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VOS617A
Description  High CTR with low input current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS617A Datasheet(HTML) 1 Page - Vishay Siliconix

  VOS617A Datasheet HTML 1Page - Vishay Siliconix VOS617A Datasheet HTML 2Page - Vishay Siliconix VOS617A Datasheet HTML 3Page - Vishay Siliconix VOS617A Datasheet HTML 4Page - Vishay Siliconix VOS617A Datasheet HTML 5Page - Vishay Siliconix VOS617A Datasheet HTML 6Page - Vishay Siliconix VOS617A Datasheet HTML 7Page - Vishay Siliconix VOS617A Datasheet HTML 8Page - Vishay Siliconix VOS617A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VOS617A
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 27-Feb-13
1
Document Number: 83497
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, Low Input Current,
SSOP-4, Half Pitch, Mini-Flat Package
DESCRIPTION
The VOS617A series has a GaAs infrared emitting diode
emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a 4-pin
50 mil lead pitch mini-flat package.
It features a high current transfer ratio at low input current,
low coupling capacitance, and high isolation voltage.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
FEATURES
• High CTR with low input current
• Low profile package (half pitch)
• High collector emitter voltage, VCEO = 80 V
• Isolation test voltage = 3750 VRMS
• Low coupling capacitance
• High common mode transient immunity
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
•Telecom
• Industrial controls
• Battery powered equipment
• Office machines
• Programmable controllers
AGENCY APPROVALS
(All parts are certified under base model VOS617A)
• UL1577, file no. E52744
•cUL
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• FIMKO EN 60065, EN 60950-1
• CQC GB4943.1-2011 and GB8898-2011 (suitable for
installation altitude below 2000 m)
Note
• Additional options may be possible, please contact sales office.
E
C
A
C
1
2
4
3
22628-1
ORDERING INFORMATION
V
O
S
6
1
7
A
-
#
X
001
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/
PACKAGE
CTR (%)
5 mA
UL, cUL, FIMKO, CQC
50 to 600
63 to 125
100 to 200
160 to 320
80 to 160
130 to 260
200 to 400
SSOP-4,
50 mil pitch
VOS617AT
VOS617A-2T
VOS617A-3T
VOS617A-4T
VOS617A-7T
VOS617A-8T
VOS617A-9T
UL, CUL, FIMKO,
CQC, VDE (option 1)
50 to 600
63 to 125
100 to 200
160 to 320
80 to 160
130 to 260
200 to 400
SSOP-4,
50 mil pitch
VOS617A-
X001T
VOS617A-
2X001T
VOS617A-
3X001T
VOS617A-
4X001T
VOS617A-
7X001T
VOS617A-
8X001T
VOS617A-
9X001T
SSOP-4
≥ 5 mm


Similar Part No. - VOS617A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOS617A VISHAY-VOS617A Datasheet
155Kb / 9P
Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
VOS617A VISHAY-VOS617A Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
VOS617A VISHAY-VOS617A Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
VOS617A-2T VISHAY-VOS617A-2T Datasheet
155Kb / 9P
Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
VOS617A-2T VISHAY-VOS617A-2T Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
More results

Similar Description - VOS617A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2811-1 CEL-PS2811-1 Datasheet
429Kb / 12P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 CEL-PS2815-1 Datasheet
413Kb / 12P
LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1 Datasheet
268Kb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 RENESAS-PS2815-1 Datasheet
269Kb / 16P
LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2811-1 RENESAS-PS2811-1_15 Datasheet
282Kb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 RENESAS-PS2815-1_15 Datasheet
254Kb / 16P
LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com