Electronic Components Datasheet Search
  English  ▼

X  

PE9158 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9158
Description  50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9158 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9158 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9158 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9158 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
Configuration
Connector 1
BNC Female
Impedance 1
50 Ohms
Connector 2
RCA Plug
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 250
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-40 to +60
Size
Length, in [mm]
1.323 [33.6]
Width/Dia., in [mm]
0.433 [11]
.
Dielectric Type
POM
Connector 1
Type
BNC Female
Inner Conductor Material and Plating
Brass, Nickel
Inner Conductor Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
RCA Plug
Inner Conductor Material and Plating
Brass, Nickel
Inner Conductor Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Female to 75 Ohm RCA Plug Adapter PE9158
PE9158
PE9158 REV


Similar Part No. - PE9158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results

Similar Description - PE9158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9163 PASTERNACK-PE9163 Datasheet
235Kb / 2P
75 Ohm F Female to RCA Plug Adapter
PE9171 PASTERNACK-PE9171 Datasheet
236Kb / 2P
50 Ohm BNC Male to 75 Ohm RCA Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9236 PASTERNACK-PE9236 Datasheet
234Kb / 2P
50 Ohm BNC Female to 75 Ohm SMC Plug Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com