Electronic Components Datasheet Search
  English  ▼

X  

PE9159 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9159
Description  75 Ohm F Male to F Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9159 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9159 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9159 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm F Male to F Male Adapter
Configuration
Connector 1
F Male
Impedance 1
75 Ohms
Connector 2
F Male
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.14 [28.96]
Width/Dia., in [mm]
0.438 [11.13]
.
Connector 1
Type
F Male
Inner Conductor Material and Plating
Brass, Nickel
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
7/16
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Brass, Nickel
Dielectric Type
Delrin
Connector 2
Type
F Male
Inner Conductor Material and Plating
Brass, Nickel
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
7/16
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Brass, Nickel
Dielectric Type
Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/f-male-f-male-straight-adapter-pe9159-p.aspx
75 Ohm F Male to F Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
75 Ohm F Male to F Male Adapter
PE9159
PE9159 REV


Similar Part No. - PE9159

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results

Similar Description - PE9159

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9160 PASTERNACK-PE9160 Datasheet
237Kb / 2P
Push-On 75 Ohm F Male to F Female Adapter
PE9166 PASTERNACK-PE9166 Datasheet
245Kb / 3P
75 Ohm F Male to F Female Right Angle Adapter
PE9738 PASTERNACK-PE9738 Datasheet
247Kb / 3P
Precision 75 Ohm N Male to F Male Adapter
PE9742 PASTERNACK-PE9742 Datasheet
241Kb / 2P
Precision 75 Ohm F Male to BNC Male Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
75 Ohm TNC Male to F Male Adapter
PE91348 PASTERNACK-PE91348 Datasheet
338Kb / 3P
Precision 75 Ohm F Male to F Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com