Electronic Components Datasheet Search
  English  ▼

X  

OP213 Datasheet(PDF) 15 Page - Analog Devices

Part # OP213
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP213 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP213 Datasheet HTML 8Page - Analog Devices OP213 Datasheet HTML 9Page - Analog Devices OP213 Datasheet HTML 10Page - Analog Devices OP213 Datasheet HTML 11Page - Analog Devices OP213 Datasheet HTML 12Page - Analog Devices OP213 Datasheet HTML 13Page - Analog Devices OP213 Datasheet HTML 14Page - Analog Devices OP213 Datasheet HTML 15Page - Analog Devices OP213 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
OP113/OP213/OP413
REV. C
–15–
9V 9V
+IN
–IN
OUT
Figure 44. OP213 Simplified Schematic
*OP113 Family SPICE Macro-Model
*
*Copyright 1992 by Analog Devices, Inc.
*
*Node Assignments
*
*
Noninverting Input
*
Inverting Input
*
Positive Supply
*
Negative Supply
*
Output
*
.SUBCKT OP113 Family
3 2746
*
* INPUT STAGE
R3
4
19
1.5E3
R4
4
20
1.5E3
C1
19 20
5.31E–12
I1
7
18
106E–6
IOS
2
3
25E–09
EOS
12 5
POLY(1)
51
4
25E–06
1
Q1
19 3
18
PNP1
Q2
20 12
18
PNP1
CIN
3
2
3E–12
D1
3
1
DY
D2
2
1
DY
EN
5
2
22
0
1
GN1
0
2
25
0
1E–5
GN2
0
3
28
0
1E–5
*
* VOLTAGE NOISE SOURCE WITH FLICKER NOISE
DN1
21 22
DEN
DN2
22 23
DEN
VN1
21 0
DC 2
VN2
0
23
DC 2
*
* CURRENT NOISE SOURCE WITH FLICKER NOISE
DN3
24 25
DIN
DN4
25 26
DIN
VN3
24 0
DC 2
VN4
0
26
DC 2
*
* SECOND CURRENT NOISE SOURCE
DN5
27
28
DIN
DN6
28
29
DIN
VN5
27
0
DC 2
VN6
0
29
DC 2
*
* GAIN STAGE & DOMINANT POLE AT .2000E+01 HZ
G2
34
36
19
20
2.65E–04
R7
34
36
39E+06
V3
35
4
DC 6
D4
36
35
DX
VB2
34
4
1.6
*
* SUPPLY/2 GENERATOR
ISY
7
4
0.2E–3
R10
7
60
40E+3
R11
60
4
40E+3
C3
60
0
1E–9
*
* CMRR STAGE & POLE AT 6 kHZ
ECM 50
4
POLY(2) 3
60
2
60
0
1.6
0
1.6
CCM 50
51
26.5E–12
RCM1 50
51
1E6
RCM2 51
4
1
*
*
OUTPUT STAGE
R12
37
36
1E3
R13
38
36
500
C4
37
6
20E–12
C5
38
39
20E–12
M1
39
36
4 4 MN L=9E–6 W=1000E–6 AD=15E–9 AS=15E–9
M2
45
36
4 4 MN L=9E–6 W=1000E–6 AD=15E–9 AS=15E–9
D5
39
47
DX
D6
47
45
DX
Q3
39
40
41
QPA 8
VB
7
40
DC 0.861
R14
7
41
375
Q4
41
7
43
QNA 1
R17
7
43
15
Q5
43
39
6
QNA 20
Q6
46
45
6
QPA 20
R18
46
4
15
Q7
36
46
4
QNA 1
M3
6
36
4 4 MN L = 9E–6 W=2000E–6 AD=30E–9 AS=30E–9
*
* NONLINEAR MODELS USED
*
.MODEL DX D (IS=1E–15)
.MODEL DY D (IS=1E–15 BV=7)
.MODEL PNP1 PNP (BF=220)
.MODEL DEN D(IS=1E–12 RS=1016 KF=3.278E–15 AF=1)
.MODEL DIN D(IS=1E–12 RS=100019 KF=4.173E–15 AF=1)
.MODEL QNA NPN(IS=1.19E–16 BF=253 VAF=193 VAR=15 RB=2.0E3
+ IRB=7.73E–6 RBM=132.8 RE=4 RC=209 CJE=2.1E–13 VJE=0.573
+ MJE=0.364 CJC=1.64E–13 VJC=0.534 MJC=0.5 CJS=1.37E–12
+ VJS=0.59 MJS=0.5 TF=0.43E–9 PTF=30)
.MODEL QPA PNP(IS=5.21E–17 BF=131 VAF=62 VAR= 15 RB=1.52E3
+ IRB=1.67E–5 RBM=368.5 RE=6.31 RC=354.4 CJE=1.1E–13
+ VJE=0.745 MJE=0.33 CJC=2.37E–13 VJC=0.762 MJC=0.4
+ CJS=7.11E–13 VJS=0.45 MJS=0.412 TF=1.0E–9 PTF=30)
.MODEL MN NMOS(LEVEL=3 VTO=1.3 RS=0.3 RD=0.3 TOX=8.5E–8
+ LD=1.48E–6 WD=1E–6 NSUB=1.53E16 UO=650 DELTA=10 VMAX=2E5
+ XJ=1.75E–6 KAPPA=0.8 ETA=0.066 THETA=0.01 TPG=1 CJ=2.9E–4
+ PB=0.837 MJ=0.407 CJSW=0.5E–9 MJSW=0.33)
*
.ENDS OP113 Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com