Electronic Components Datasheet Search
  English  ▼

X  

PE6069 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6069
Description  50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6069 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6069 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6069 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 0.5 Watts Precision Passivated Stainless Steel
SMA Male RF Load With Chain Up To 18 GHz
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
Configuration
RF Load Design
Precision
Connector
SMA Male
Connector Specification
MIL-STD-348
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.2:1
Maximum Input Power, Watts
1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector
Type
SMA Male
Inner Conductor Material and Plating
Brass/Beryllium Copper, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/0.5-watts-sma-male-rf-load-up-to-18-ghz-precision-pe6069-p.aspx
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
PE6069
PE6069 REV


Similar Part No. - PE6069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
PE6069 PASTERNACK-PE6069_17 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
More results

Similar Description - PE6069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6070 PASTERNACK-PE6070 Datasheet
448Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 12.4 GHz
PE6073 PASTERNACK-PE6073 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6086 PASTERNACK-PE6086 Datasheet
350Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz
PE6096 PASTERNACK-PE6096 Datasheet
244Kb / 3P
50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6084 PASTERNACK-PE6084 Datasheet
215Kb / 2P
50 Ohm 2 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 18 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6092 PASTERNACK-PE6092 Datasheet
216Kb / 2P
50 Ohm 2 Watts Precision Passivated Stainless Steel TNC Female RF Load With Chain Up To 18 GHz
PE6069 PASTERNACK-PE6069_17 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
PE6082 PASTERNACK-PE6082 Datasheet
428Kb / 4P
2 Watt RF Load with Chain Up to 18 GHz with SMA Male Input Passivated Stainless Steel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com