Electronic Components Datasheet Search
  English  ▼

X  

OP177 Datasheet(PDF) 5 Page - Analog Devices

Part # OP177
Description  Ultraprecision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177 Datasheet(HTML) 5 Page - Analog Devices

  OP177 Datasheet HTML 1Page - Analog Devices OP177 Datasheet HTML 2Page - Analog Devices OP177 Datasheet HTML 3Page - Analog Devices OP177 Datasheet HTML 4Page - Analog Devices OP177 Datasheet HTML 5Page - Analog Devices OP177 Datasheet HTML 6Page - Analog Devices OP177 Datasheet HTML 7Page - Analog Devices OP177 Datasheet HTML 8Page - Analog Devices OP177 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OP177
REV. B
–5–
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Internal Power Dissipation
1
. . . . . . . . . . . . . . . . . . . 500 mW
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
Z and RC Packages . . . . . . . . . . . . . . . . . –65
°C to +150°C
S, P Package . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
OP177A, OP177B . . . . . . . . . . . . . . . . . –55
°C to +125°C
OP177E, OP177F, OP177G . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . +300
°C
DICE Junction Temperature (TJ) . . . . . . . –65
°C to +150°C
Package Type
JA
2
JC
Units
8-Pin Hermetic DIP (Z)
148
16
°C/W
8-Pin Plastic DIP (P)
103
43
°C/W
20-Contact LCC (RC)
98
38
°C/W
8-Pin SO (S)
158
43
°C/W
NOTES
1For supply voltages less than
± 22 V, the absolute maximum input voltage is equal
to the supply voltage.
2
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for
device in socket for cerdip, P-DIP, and LCC packages;
θ
JA is specified for
device soldered to printed circuit board for SO package.
Figure 4. Burn-In Circuit
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP177AZ
–55
°C to +125°C 8-Pin Cerdip
Q-8
OP177BZ
–55
°C to +125°C 8-Pin Cerdip
Q-8
OP177EZ
–40
°C to +85°C 8-Pin Cerdip
Q-8
OP177FZ
–40
°C to +85°C 8-Pin Cerdip
Q-8
OP177GZ
–40
°C to +85°C 8-Pin Cerdip
Q-8
OP177FP
–40
°C to +85°C 8-Pin Plastic DIP N-8
OP177GP
–40
°C to +85°C 8-Pin Plastic DIP N-8
OP177BRC/883 –55
°C to +125°C 20-Pin LCC
E-20A
OP177FS
–40
°C to +85°C 8-Pin SO
SO-8
OP177GS
–40
°C to +85°C 8-Pin SO
SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com