Electronic Components Datasheet Search
  English  ▼

X  

PE9172 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9172
Description  Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9172 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9172 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9172 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9172 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Isolated Ground BNC Female to BNC Female Bulkhead Adapter
Configuration
Connector 1
BNC Female
Connector 2
BNC Female
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Isolated Ground
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.5:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-40 to +60
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.63 [16]
.
Dielectric Type
Teflon
Connector 1
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Isolated Ground BNC Female to BNC Female Bulkhead Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Isolated Ground BNC Female to BNC Female Bulkhead Adapter PE9172
PE9172
PE9172 REV


Similar Part No. - PE9172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9171 PASTERNACK-PE9171 Datasheet
236Kb / 2P
50 Ohm BNC Male to 75 Ohm RCA Jack Adapter
PE9173 PASTERNACK-PE9173 Datasheet
254Kb / 3P
N Female to N Female 4 Hole Flange Adapter
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9175 PASTERNACK-PE9175 Datasheet
234Kb / 2P
Banana Plug to 50 Ohm BNC Female Adapter
PE9178 PASTERNACK-PE9178 Datasheet
256Kb / 3P
N Male to 7/16 DIN Female Adapter
More results

Similar Description - PE9172

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3778 POMONA-3778 Datasheet
30Kb / 1P
BNC (Female) Isolated Ground Bulkhead Receptacle
3846 POMONA-3846 Datasheet
27Kb / 1P
Adapter, Isolated Ground BNC Female To Female
5148 POMONA-5148 Datasheet
20Kb / 1P
BNC (Female) Bulkhead Receptacle, Isolated Ground
logo
Winchester Electronics ...
SDKC-99-40 WINCHESTER-SDKC-99-40 Datasheet
66Kb / 1P
ADAPTER, F-F, BULKHEAD, ISOLATED GROUND, BNC-BNC
SDKC-99-54 WINCHESTER-SDKC-99-54 Datasheet
69Kb / 1P
ADAPTER, F-F, BULKHEAD ISOLATED GROUND, BNC-BNC
logo
Pasternack Enterprises,...
PE9093 PASTERNACK-PE9093 Datasheet
256Kb / 3P
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
PE91105 PASTERNACK-PE91105 Datasheet
434Kb / 4P
Bulkhead Mount Isolated Ground BNC Triax Female to BNC Triax Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com