Electronic Components Datasheet Search
  English  ▼

X  

PE9174 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9174
Description  BNC Tee Adapter Male-Female-Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9174 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9174 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9174 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9174 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Tee Adapter Male-Female-Female
Configuration
Connector 1
BNC Male
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Connector 3
BNC Female
Adapter Design
Standard
Body Style
Tee
Electrical Specifications
Frequency Range, GHz
DC to 4
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.56 [39.62]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
0.9 [22.86]
.
Connector 1
Type
BNC Male
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 3
Type
BNC Female
Inner Conductor Material and Plating
Phosphor Bronze, Gold
BNC Tee Adapter Male-Female-Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Tee Adapter Male-Female-Female PE9174
PE9174
PE9174 REV


Similar Part No. - PE9174

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9171 PASTERNACK-PE9171 Datasheet
236Kb / 2P
50 Ohm BNC Male to 75 Ohm RCA Jack Adapter
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9173 PASTERNACK-PE9173 Datasheet
254Kb / 3P
N Female to N Female 4 Hole Flange Adapter
PE9175 PASTERNACK-PE9175 Datasheet
234Kb / 2P
Banana Plug to 50 Ohm BNC Female Adapter
PE9178 PASTERNACK-PE9178 Datasheet
256Kb / 3P
N Male to 7/16 DIN Female Adapter
More results

Similar Description - PE9174

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9003 PASTERNACK-PE9003 Datasheet
244Kb / 3P
BNC Tee Adapter Female-Female-Female
PE9102 PASTERNACK-PE9102 Datasheet
252Kb / 3P
N Tee Adapter Female-Male-Female
PE9182 PASTERNACK-PE9182 Datasheet
251Kb / 3P
SMA Tee Adapter Female-Male-Female
PE9207 PASTERNACK-PE9207 Datasheet
244Kb / 3P
C Tee Adapter Female-Male-Female
PE9290 PASTERNACK-PE9290 Datasheet
248Kb / 3P
TNC Tee Adapter Male-Female-Female
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE91106 PASTERNACK-PE91106 Datasheet
434Kb / 4P
BNC Triax Tee Adapter Male-Female-Female
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com