Electronic Components Datasheet Search
  English  ▼

X  

PICO831 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO831
Description  4 USB 2.0 ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO831 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO831 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
124
* All specifications and photos are subject to change without notice.
axiomtek.com
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-
boards
Slot
CPU
Cards
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
MIO
1 x RS-232/422/485
1 x RS-232
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port as 10/100/1000 Mbps supports Wake-on-LAN, RPL/
PXE Boot ROM with Realtek RTL8111E
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
N/A
CPU
Intel
® Atom™ processor N2800 1.8 GHz, N2600 1.6 GHz dual
core onboard
System Memory
1 x 204-pin DDR3-800/1066 SO-DIMM max. up to 4 GB
(N2600 supports DDR3 800 max. up to 2 GB)
Chipset
Intel
® NM10
BIOS
AMI
SSD
SATA SSD 16 GB (optional)
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x full-Size Mini PCI Express Mini Card with mSATA
supported
1 x half-Size Mini PCI Express Mini Card
Battery
Lithium 3V/220mAH
Power Input
DC power jack connector
+5V DC-in only
AT Auto Power On function supported
Power Requirements
Intel
® Atom™ N2800 @ 1.86 GHz, 1GB DDR3
Max. RMS: +5V @ 2.9A
Intel
® Atom™ N2600 @ 1.6 GHz, 1GB DDR3
Max. RMS: +5V @ 2.6A
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
PICO831
Intel
® Atom™ N2600/ N2800 Pico-ITX SBC
with Intel
® NM10 Chipset, LVDS/ VGA, LAN
and Audio
● Intel
® Atom™ processor N2800 (1.8 GHz)/ N2600 (1.6 GHz)
dual core onboard
● Intel
® NM10 chipset
● 1 DDR3 SO-DIMM supports up to 4 GB memory capacity
● 4 USB 2.0 ports
● 2 COM ports
I/O
System
Features
Rear view
Assembly view
Ordering Information
Standard
PICO831VGA-N2600
(P/N: E38H831101)
Pico-ITX SBC with Intel
® Atom™ processor N2600 1.6 GHz,
VGA/LVDS, 1 10/100/1000Mbps, 2 COM, 4 USB and Audio
PICO831VGA-N2800
(P/N: E38H831100)
Pico-ITX SBC with Intel
® Atom™ processor N2800 1.8 GHz,
VGA/LVDS, 1 10/100/1000Mbps, 2 COM, 4 USB and Audio
SATA Nandrive (optional)
Half-size PCI Express
Mini Card
Full-size PCI Express Mini Card
DDR3
SO-DIMM
SIM Slot
Display
Chipset
Intel
® integrated Gfx graphic engine
Memory Size
Share System memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single channel
Fanless
Low Power
DualView
DDR3
DDR3
DDR3
PCIe Mini
PCIe Mini
PCIe Mini
+5V
Ethernet
COM 1/2
Power on/off, reset,
HDD LED
USB 1/2/3/4
Audio
VGA
+5V power
input
SATA
LVDS
NEW
AiRD
Packing List
Standard
Quick installation guide, user's manual/utility CD and accessories
Accessories
Part Number
Description
Qty
85932651000E
85932671000E
59406308010E
59405300610E
5078H831000E
5078H100200E
AX93265 I/O board
AX93267 I/O board
SATA cable
SATA power cable
Heatspreader
Heatsink
1
1
1
1
1
1


Similar Part No. - PICO831

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO831VGA-N2600 AXIOMTEK-PICO831VGA-N2600 Datasheet
769Kb / 2P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO831VGA-N2600 AXIOMTEK-PICO831VGA-N2600 Datasheet
404Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO831VGA-N2800 AXIOMTEK-PICO831VGA-N2800 Datasheet
769Kb / 2P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO831VGA-N2800 AXIOMTEK-PICO831VGA-N2800 Datasheet
404Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO831 AXIOMTEK-PICO831_14 Datasheet
769Kb / 2P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results

Similar Description - PICO831

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA800 AXIOMTEK-CAPA800 Datasheet
269Kb / 1P
8 USB 2.0 ports
EP850 AXIOMTEK-EP850 Datasheet
242Kb / 1P
6 USB 2.0 ports
NANO100 AXIOMTEK-NANO100 Datasheet
304Kb / 1P
6 USB 2.0 ports
NANO101 AXIOMTEK-NANO101 Datasheet
305Kb / 1P
6 USB 2.0 ports
SBC84620 AXIOMTEK-SBC84620 Datasheet
229Kb / 1P
4 COM ports and 4 USB 2.0 ports
SBC84621 AXIOMTEK-SBC84621 Datasheet
226Kb / 1P
4 COM ports and 4 USB 2.0 ports
SBC84826 AXIOMTEK-SBC84826 Datasheet
264Kb / 1P
4 USB 2.0 ports
SBC86836 AXIOMTEK-SBC86836 Datasheet
247Kb / 1P
8 USB 2.0 ports
CEM860 AXIOMTEK-CEM860 Datasheet
222Kb / 1P
8 USB 2.0 ports
EBOX532-100-FL AXIOMTEK-EBOX532-100-FL_16 Datasheet
458Kb / 1P
Supports 4 USB 2.0 ports and 2 COM ports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com