Electronic Components Datasheet Search
  English  ▼

X  

DMX-500 Datasheet(PDF) 1 Page - SL Power Electronics

Part # DMX-500
Description  500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DMX-500 Datasheet(HTML) 1 Page - SL Power Electronics

  DMX-500 Datasheet HTML 1Page - SL Power Electronics DMX-500 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
DMX-503-0512
500
+5V @ 75A
+12V @ 8/12A pk
-12V @ 4A
DMX-504-1205
500
+5V @ 75A
+12V @ 8/12A pk
-12V @ 4A
5.2V @ 5A
DMX-504-1212
500
+5V @ 75A
+12V @ 8/12A pk
-12V @ 4A
12V @ 5A
DMX-504-1224
500
+5V @ 75A
+12V @ 8/12A pk
-12V @ 4A
24V @ 3A
DMX-504-1512
500
+5V @ 75A
+15V @ 4A
-15V @ 4A
12V @ 5A
DMX-504-1524
500
+5V @ 75A
+15V @ 4A
-15V @ 4A
24V @ 3A
500 WATTS
MULTIPLE OUTPUT
48 VDC INPUT, FORCED CURRENT SHARING
STANDARD DMX SERIES
DMX-500
Featuring:
• Forced current sharing for N +1
redundancy
• Identical output performance as
NMX-500 Series with 48 Vdc input
• Remote sense on outputs #1 and 2
• Dual converter design eliminates
interaction between logic and
auxiliary outputs
• Low ripple and noise on all outputs
• Input transient specification up to
75 V
• DC power good signal
• True remote inhibit
• Monotonic turn-on and turn-off
• Designed for use in telephone
network systems
Designed to meet applicable Bellcore and
NEBS standards, the DMX Series 500-watt
power supplies require DC input. They are
DC “clones” of Condor’s popular NMX 500
Series of AC power factor corrected power
supplies. This gives you the ability to
operate existing systems from central
office power (–48 Vdc) simply by changing
power supplies.
DMX and NMX Series power supplies
are directly interchangeable, without
compromising performance and without
making any mechanical changes for
mounting or cooling. DMX and NMX Series
power supplies can also be operated in
redundant configurations to achieve AC
operation with battery backup capability.
SEE
NMX
500
FOR
AC INPUT
EQUIV
ALENT


Similar Part No. - DMX-500

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
DMX-100 VECOW-DMX-100 Datasheet
367Kb / 1P
Mini PCIe 32-bit GPIO Card
DMX-110 VECOW-DMX-110 Datasheet
367Kb / 1P
Mini PCIe 32-bit GPIO Card
logo
Adam Technologies, Inc.
DMX-XX-V0 ADAM-TECH-DMX-XX-V0 Datasheet
81Kb / 1P
909 Rahway Avenue
More results

Similar Description - DMX-500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5017R5-I WALL-PSRL5017R5-I Datasheet
341Kb / 3P
Up to 500 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
logo
SL Power Electronics
DCT-250 SLPOWER-DCT-250 Datasheet
90Kb / 2P
250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
MAX-400 SLPOWER-MAX-400 Datasheet
97Kb / 2P
400, 500 WATTS MULTIPLE OUTPUT
MPS-350 SLPOWER-MPS-350 Datasheet
80Kb / 2P
350 WATTS MULTIPLE OUTPUT, SLOPE PROGRAM CURRENT SHARING
NMX-350 SLPOWER-NMX-350 Datasheet
104Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-500 SLPOWER-NMX-500 Datasheet
123Kb / 2P
500 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-750 SLPOWER-NMX-750 Datasheet
82Kb / 2P
750 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1000 SLPOWER-NMX-1000 Datasheet
72Kb / 2P
1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
SPF-500 SLPOWER-SPF-500 Datasheet
71Kb / 2P
500-1000 Watts Single Output, Forced Current Sharing
TMX-350 SLPOWER-TMX-350 Datasheet
91Kb / 2P
350 WATTS MULTIPLE OUTPUT 48 VDC INPUT, HOT SWAP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com