Electronic Components Datasheet Search
  English  ▼

X  

PE9178 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9178
Description  N Male to 7/16 DIN Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9178 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9178 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9178 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9178 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male to 7/16 DIN Female Adapter
Configuration
Connector 1
N Male
Connector Specification 1
MIL-STD-348
Connector 2
7/16 DIN Female
Connector Specification 2
IEC 169-4
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 8
Impedance, Ohms
50
Maximum VSWR
1.22:1
Dielectric Withstanding Voltage, Vrms
2,000
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.03:1
Frequency 2
Frequency, GHz
1 to 4
VSWR
1.12:1
Frequency 3
Frequency, GHz
4 to 8
VSWR
1.22:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +155
Size
Length, in [mm]
1.64 [41.66]
Width/Dia., in [mm]
1.14 [28.96]
.
Dielectric Type
PTFE
Connector 1
Type
N Male
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
13/16
Body Material and Plating
Brass, Nickel
N Male to 7/16 DIN Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to 7/16 DIN Female Adapter PE9178
PE9178
PE9178 REV


Similar Part No. - PE9178

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9171 PASTERNACK-PE9171 Datasheet
236Kb / 2P
50 Ohm BNC Male to 75 Ohm RCA Jack Adapter
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9173 PASTERNACK-PE9173 Datasheet
254Kb / 3P
N Female to N Female 4 Hole Flange Adapter
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9175 PASTERNACK-PE9175 Datasheet
234Kb / 2P
Banana Plug to 50 Ohm BNC Female Adapter
More results

Similar Description - PE9178

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6256 POMONA-6256 Datasheet
124Kb / 1P
7/16 DIN Adapter 7/16 DIN Male to Type N Male
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9179 PASTERNACK-PE9179 Datasheet
255Kb / 3P
N Female to 7/16 DIN Male Adapter
PE9180 PASTERNACK-PE9180 Datasheet
256Kb / 3P
N Female to 7/16 DIN Female Adapter
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE9535 PASTERNACK-PE9535 Datasheet
464Kb / 3P
N Male to 7/16 DIN Male Adapter
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91134 PASTERNACK-PE91134 Datasheet
237Kb / 3P
N Male to 7 - 16 DIN Female Adapter
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com