Electronic Components Datasheet Search
  English  ▼

X  

CINT3110 Datasheet(PDF) 1 Page - SL Power Electronics

Part # CINT3110
Description  The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT3110 Datasheet(HTML) 1 Page - SL Power Electronics

  CINT3110 Datasheet HTML 1Page - SL Power Electronics CINT3110 Datasheet HTML 2Page - SL Power Electronics CINT3110 Datasheet HTML 3Page - SL Power Electronics CINT3110 Datasheet HTML 4Page - SL Power Electronics CINT3110 Datasheet HTML 5Page - SL Power Electronics CINT3110 Datasheet HTML 6Page - SL Power Electronics CINT3110 Datasheet HTML 7Page - SL Power Electronics CINT3110 Datasheet HTML 8Page - SL Power Electronics CINT3110 Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CINT3110
110W Triple Output
Industrial Series
www.slpower.com
CINT3110 REV 1.1, 26-NOV-12
1
Features
2” x 4” x 1.3” Package
Suitable for 1U Applications
110W w/air, 80W convection cooled
Universal Input 90-264Vac
Efficiency 87% typical
Approved to CSA/EN/IEC/UL60950-1,
2
nd Edition
Power Fail Signal
Remote Sense
3 Year Warranty
RoHS Compliant
Description
The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2” x 4” size. The
CINT3110 family is ideal for Industrial and ITE applications requiring multiple outputs and small footprint. Compliant to
IEC60950-1 2
nd edition, the CINT3110 models feature outputs of 5/±12V, 5/±15V, 5/±24V, includes a Power Fail/DC OK
signal, and meet Class B Conducted EMI.
Model Selection
Model
Output Current**
Ripple &
Total
OVP
Number
Volts*
w/200LFM air
Convection
Noise***
Regulation
Threshold
CINT3110A0508K01
V1
5V
14.0A
10.0A
1.0% pk-pk
2%
7.5V max.
V2
12V
6.0A
4.5A
1.0% pk-pk
3%
115%-135%
V3
-12V
1.0A
1.0A
2.0% pk-pk
10%
115%-135%
CINT3110A1708K01
V1
5V
14.0A
10.0A
1.0% pk-pk
2%
7.5V max.
V2
15V
4.5A
3.5A
1.0% pk-pk
3%
115%-135%
V3
-15V
1.0A
1.0A
2.0% pk-pk
10%
115%-135%
CINT3110A1908K01
V1
5V
12.0A
8.0A
1.0% pk-pk
2%
7.5V max.
V2
24V
4.0A
3.0A
1.0% pk-pk
3%
115%-135%
V3
-24V
1.0A
1.0A
2.0% pk-pk
10%
115%-135%
Notes:
*
5V output is adjustable with +/-10% range
** Total convection power is 80 Watts.
*** Measured with noise probe directly across output terminals, and load terminated with 0.1μF ceramic and 10μF low ESR capacitors. Ripple & Noise of V2 at
no load is 2% maximum.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
120–370Vdc
Turn On Time
Less than 2 sec. @115Vac (inversely
proportional to input voltage and thermistor
temperature)
Input Current
115Vac: 1.5A, 230Vac: 0.75A
Hold-up Time
16mS typical at 110W, 120Vac input


Similar Part No. - CINT3110

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT3110A0508K01 SLPOWER-CINT3110A0508K01 Datasheet
4Mb / 10P
industrial grade, high efficiency, triple output power supplies
CINT3110A1708K01 SLPOWER-CINT3110A1708K01 Datasheet
4Mb / 10P
industrial grade, high efficiency, triple output power supplies
CINT3110A1908K01 SLPOWER-CINT3110A1908K01 Datasheet
4Mb / 10P
industrial grade, high efficiency, triple output power supplies
CINT3110 SLPOWER-CINT3110_14 Datasheet
4Mb / 10P
industrial grade, high efficiency, triple output power supplies
More results

Similar Description - CINT3110

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
19-130040 VICOR-19-130040 Datasheet
151Kb / 1P
ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
19-130042 VICOR-19-130042 Datasheet
176Kb / 1P
ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150 Datasheet
502Kb / 4P
150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
logo
SL Power Electronics
MINT1150 SLPOWER-MINT1150 Datasheet
613Kb / 8P
The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150_16 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
logo
SL Power Electronics
CINT3110 SLPOWER-CINT3110_14 Datasheet
4Mb / 10P
industrial grade, high efficiency, triple output power supplies
logo
B&K Precision Corporati...
1672 BK-1672 Datasheet
1Mb / 3P
Triple Output DC Power Supplies
1670A BK-1670A Datasheet
427Kb / 1P
Triple Output DC Power Supplies
1651A BK-1651A Datasheet
830Kb / 1P
Triple Output DC Power Supplies
1760A BK-1760A Datasheet
521Kb / 1P
Triple Output DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com