Electronic Components Datasheet Search
  English  ▼

X  

PE9199 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9199
Description  3/4 inch-20 Female to 3/4 inch-20 Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9199 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9199 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9199 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
3/4 inch-20 Female to 3/4 inch-20 Female Adapter
Configuration
Connector 1
3/4”-20 Female
Impedance 1
95 Ohms
Connector 2
3/4”-20 Female
Impedance 2
95 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.675 [42.55]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
3/4”-20 Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PBT
Connector 2
Type
3/4”-20 Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PBT
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/3-4-inch-20-female-3-4-inch-20-female-straight-adapter-pe9199-p.aspx
3/4 inch-20 Female to 3/4 inch-20 Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
3/4 inch-20 Female to 3/4 inch-20 Female Adapter
PE9199
PE9199 REV


Similar Part No. - PE9199

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9191 PASTERNACK-PE9191 Datasheet
242Kb / 2P
SSMA Female to BNC Male Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE9193 PASTERNACK-PE9193 Datasheet
106Kb / 3P
HN FEMALE TO HN FEMALE BULKHEAD FEEDTHRU
PE9193 PASTERNACK-PE9193 Datasheet
249Kb / 3P
Bulkhead HN Female to HN Female Adapter
More results

Similar Description - PE9199

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9373 PASTERNACK-PE9373 Datasheet
250Kb / 2P
Bulkhead 3/4 inch-20 Female to 3/4 inch-20 Female Adapter
PE3930 PASTERNACK-PE3930_15 Datasheet
364Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PE3930-18 PASTERNACK-PE3930-18 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 18 Inch Length
PE3930-60 PASTERNACK-PE3930-60 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 60 Inch Length
PE3930-120 PASTERNACK-PE3930-120 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 120 Inch Length
PE3930LF PASTERNACK-PE3930LF_15 Datasheet
364Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PE3930LF-60 PASTERNACK-PE3930LF-60 Datasheet
366Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 60 Inch Length
PE3930LF-180 PASTERNACK-PE3930LF-180 Datasheet
366Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 180 Inch Length
PE3930LF-1200 PASTERNACK-PE3930LF-1200 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 1200 Inch Length
PE4347 PASTERNACK-PE4347_16 Datasheet
325Kb / 3P
3/4 inch-20 Twinax Female Connector Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com