Electronic Components Datasheet Search
  English  ▼

X  

C0829A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0829A
Description  Computer Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0829A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0829A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C0829A
Date:
10/24/2007
Revision Level:
1
2P 24 AWG 7/32 TC PE OAS PVC
Computer Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Pairing
Braid
#24 AWG 7/32 Tinned Copper
0.015” Wall Polyethylene
0.032” Wall Polyvinyl Chloride - Gray
0.024” nom.
CAROL (R) 24 AWG -- C0829A -- 75C E111240-8 CM(UL) C(UL) CMH OR 80C AWM STYLE
2919 30V LOW VOLTAGE COMPUTER CABLE -- MADE IN USA (DATE CODE) (PRINT
2P @ 2.00” LHL with AL / PE tape & 24 AWG 7/32 TC DW
0.183” nom.
0.054” nom.
0.257" +/- 0.013"
2 conductors @ 2.00” LHL
# 36 AWG Tinned Copper 90% Coverage
0.108” nom.
0.193” nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
80C
30V
25.7 Ohms/1000 ft nom
14.82 pF/ft @ 1kHz nom
98 Ohms @ 1MHz nom
2.7 Ohms/1000 ft nom
26.68 pF/ft @ 1kHz nom
National Electrical Code
Article 800
UL Standard 444
Type CM(UL)c(UL) CMH
UL Subject 758
AWM Style 2919
CSA International
Type CM(UL)c(UL) CMH
1
2
Black & Red
Black & White
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0829A

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
C082-1000-F RCD-C082-1000-F Datasheet
178Kb / 1P
THICK FILM SIP NETWORKS
C082-1000-G RCD-C082-1000-G Datasheet
178Kb / 1P
THICK FILM SIP NETWORKS
C082-1000-J RCD-C082-1000-J Datasheet
178Kb / 1P
THICK FILM SIP NETWORKS
C082-1001-F RCD-C082-1001-F Datasheet
178Kb / 1P
THICK FILM SIP NETWORKS
C082-1001-G RCD-C082-1001-G Datasheet
178Kb / 1P
THICK FILM SIP NETWORKS
More results

Similar Description - C0829A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0515A GENERAL-C0515A Datasheet
75Kb / 1P
Computer Cable
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
COMPUTER CABLE
C0621A GENERAL-C0621A Datasheet
81Kb / 1P
COMPUTER CABLE
C0630A GENERAL-C0630A Datasheet
81Kb / 1P
COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
COMPUTER CABLE
C0748A GENERAL-C0748A Datasheet
75Kb / 1P
COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com