Electronic Components Datasheet Search
  English  ▼

X  

PE9201 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9201
Description  UHF Male to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9201 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9201 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9201 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
UHF Male to BNC Male Adapter
Configuration
Connector 1
UHF Male
Impedance 1
50 Ohms
Connector 2
BNC Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.483 [37.67]
Width/Dia., in [mm]
0.7 [17.78]
.
Connector 1
Type
UHF Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/uhf-male-bnc-male-straight-adapter-pe9201-p.aspx
UHF Male to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
UHF Male to BNC Male Adapter
PE9201
PE9201 REV


Similar Part No. - PE9201

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9200 PASTERNACK-PE9200 Datasheet
241Kb / 2P
SC Male to BNC Female Adapter
PE9204 PASTERNACK-PE9204 Datasheet
244Kb / 2P
Bulkhead BNC Female to C Female Adapter
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
HN Male to HN Female Right Angle Adapter
PE9206 PASTERNACK-PE9206 Datasheet
251Kb / 3P
N Female to BNC Female Adapter
PE9207 PASTERNACK-PE9207 Datasheet
244Kb / 3P
C Tee Adapter Female-Male-Female
More results

Similar Description - PE9201

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3286 POMONA-3286 Datasheet
17Kb / 1P
Adapter BNC (Female) To UHF (Male)
3287 POMONA-3287 Datasheet
19Kb / 1P
Adapter UHF (Female) To BNC (Male)
3533 POMONA-3533 Datasheet
25Kb / 1P
Adapter BNC Male To Male
logo
Pasternack Enterprises,...
PE9000 PASTERNACK-PE9000 Datasheet
246Kb / 3P
BNC Male to BNC Male Adapter
PE9004 PASTERNACK-PE9004 Datasheet
235Kb / 2P
UHF Male to BNC Female Adapter
PE9096 PASTERNACK-PE9096 Datasheet
246Kb / 3P
UHF Male to UHF Male Adapter
PE9342 PASTERNACK-PE9342 Datasheet
233Kb / 2P
Mini UHF Male to BNC Female Adapter
logo
3M Electronics
3533 3M-3533 Datasheet
27Kb / 2P
Adapter BNC Male To Male
28-May-2002
logo
Pasternack Enterprises,...
PE91328 PASTERNACK-PE91328 Datasheet
476Kb / 5P
UHF Male to BNC Female Adapter
PE91329 PASTERNACK-PE91329 Datasheet
403Kb / 5P
UHF Female to BNC Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com