Electronic Components Datasheet Search
  English  ▼

X  

PE9205 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9205
Description  HN Male to HN Female Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9205 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9205 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9205 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9205 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
HN Male to HN Female Right Angle Adapter
Configuration
Connector 1
HN Male
Connector Specification 1
MIL-STD-348A
Connector 2
HN Female
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.5:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
0.866 [22]
Height, in [mm]
1.45 [36.83]
.
Dielectric Type
Teflon
Connector 1
Type
HN Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
HN Male to HN Female Right Angle Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Male to HN Female Right Angle Adapter PE9205
PE9205
PE9205 REV


Similar Part No. - PE9205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9200 PASTERNACK-PE9200 Datasheet
241Kb / 2P
SC Male to BNC Female Adapter
PE9201 PASTERNACK-PE9201 Datasheet
240Kb / 2P
UHF Male to BNC Male Adapter
PE9204 PASTERNACK-PE9204 Datasheet
244Kb / 2P
Bulkhead BNC Female to C Female Adapter
PE9206 PASTERNACK-PE9206 Datasheet
251Kb / 3P
N Female to BNC Female Adapter
PE9207 PASTERNACK-PE9207 Datasheet
244Kb / 3P
C Tee Adapter Female-Male-Female
More results

Similar Description - PE9205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9125 PASTERNACK-PE9125 Datasheet
253Kb / 3P
N Male to HN Female Adapter
PE9126 PASTERNACK-PE9126 Datasheet
253Kb / 3P
HN Male to BNC Female Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
N Female to HN Male Adapter
PE9210 PASTERNACK-PE9210 Datasheet
251Kb / 3P
HN Male to HN Male Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
LC Female to HN Male Adapter
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE9577 PASTERNACK-PE9577 Datasheet
257Kb / 3P
HN Male to HN Male Right Angle Adapter
PE9580 PASTERNACK-PE9580 Datasheet
233Kb / 2P
HN Female to HN Female Adapter
PE9193 PASTERNACK-PE9193 Datasheet
249Kb / 3P
Bulkhead HN Female to HN Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com