Electronic Components Datasheet Search
  English  ▼

X  

DEMM9PD Datasheet(PDF) 24 Page - ITT Industries

Part # DEMM9PD
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9PD Datasheet(HTML) 24 Page - ITT Industries

Back Button DEMM9PD Datasheet HTML 20Page - ITT Industries DEMM9PD Datasheet HTML 21Page - ITT Industries DEMM9PD Datasheet HTML 22Page - ITT Industries DEMM9PD Datasheet HTML 23Page - ITT Industries DEMM9PD Datasheet HTML 24Page - ITT Industries DEMM9PD Datasheet HTML 25Page - ITT Industries DEMM9PD Datasheet HTML 26Page - ITT Industries DEMM9PD Datasheet HTML 27Page - ITT Industries DEMM9PD Datasheet HTML 28Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
Coaxial Straight PCB Receptacle, sizes DE-DD
C
C-24
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Coax Straight PCB
Receptacle DE-DD
Receptacle
75 Ohm* coax inserted with straight contacts
and standoff with UNC 4-40 thread
75 OHM INDUSTRIAL
50 OHM MILITARY/HI-REL
50 OHM NON-MAGNETIC/LOW OUTGASSING***
Shell
Layout
P/N without
P/N with
P/N without
P/N with UNC
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Gold Plating
DE
2W2
DEMV2C2S-NA197
DEMZ2C2S-NA197
DEMMV2X2S-N
DEMMZ2X2S-N
DEM2X2S-NNMBK52
DE
2WK2
DEMV2CK2S-NA197
DEMZ2CK2S-NA197
DEMMV2XK2S-N
DEMMZ2XK2S-N
DEM2XK2S-NNMBK52
DE
5W1
DEMV5C1S-NA197
DEMZ5C1S-NA197
DEMMV5X1S-N
DEMMZ5X1S-N
DEM5X1S-NNMBK52
DA
7W2
DAMV7C2S-NA197
DAMZ7C2S-NA197
DAMMV7X2S-N
DAMMZ7X2S-N
DAM7X2S-NNMBK52
DA
11W1
DAMV11C1S-NA197
DAMZ11C1S-NA197
DAMMV11X1S-N
DAMMZ11X1S-N
DAM11X1S-NNMBK52
DA
3W3
DAMV3C3S-NA197
DAMZ3C3S-NA197
DAMMV3X3S-N
DAMMZ3X3S-N
DAM3X3S-NNMBK52
DA
3WK3
DAMV3CK3S-NA197
DAMZ3CK3S-NA197
DAMMV3XK3S-N
DAMMZ3XK3S-N
DAM3XK3S-NNMBK52
DB
5W5
DBMV5C5S-NA197
DBMZ5C5S-NA197
DBMMV5X5S-N
DBMMZ5X5S-N
DBM5X5S-NNMBK52
DB
9W4
DBMV9C4S-NA197
DBMZ9C4S-NA197
DBMMV9X4S-N
DBMMZ9X4S-N
DBM9X4S-NNMBK52
DB
13W3
DBMV13C3S-NA197
DBMZ13C3S-NA197
DBMMV13X3S-N
DBMMZ13X3S-N
DBM13X3S-NNMBK52
DB
17W2
DBMV17C2S-NA197
DBMZ17C2S-NA197
DBMMV17X2S-N
DBMMZ17X2S-N
DBM17X2S-NNMBK52
DB
21W1
DBMV21C1S-NA197
DBMZ21C1S-NA197
DBMMV21X1S-N
DBMMZ21X1S-N
DBM21X1S-NNMBK52
DC
8W8
DCMV8C8S-NA197
DCMZ8C8S-NA197
DCMMV8X8S-N
DCMMZ8X8S-N
DCM8X8S-NNMBK52
DC
13W6
DCMV13C6S-NA197
DCMZ13C6S-NA197
DCMMV13X6S-N
DCMMZ13X6S-N
DCM13X6S-NNMBK52
DC
17W5
DCMV17C5S-NA197
DCMZ17C5S-NA197
DCMMV17X5S-N
DCMMZ17X5S-N
DCM17X5S-NNMBK52
DC
21WA4
DCMV21CA4S-NA197
DCMZ21CA4S-NA197
DCMMV21XA4S-N
DCMMZ21XA4S-N
DCM21XA4S-NNMBK52
DC
25W3
DCMV25C3S-NA197
DCMZ25C3S-NA197
DCMMV25X3S-N
DCMMZ25X3S-N
DCM25X3S-NNMBK52
DC
27W2
DCMV27C2S-NA197
DCMZ27C2S-NA197
DCMMV27X2S-N
DCMMZ27X2S-N
DCM27X2S-NNMBK52
DD
24W7
DDMV24C7S-NA197
DDMZ24C7S-NA197
DDMMV24X7S-N
DDMMZ24X7S-N
DDM24X7S-NNMBK52
DD
36W4
DDMV36C4S-NA197
DDMZ36C4S-NA197
DDMMV36X4S-N
DDMMZ36X4S-N
DDM36X4S-NNMBK52
DD
43W2
DDMV43C2S-NA197
DDMZ43C2S-NA197
DDMMV43X2S-N
DDMMZ43X2S-N
DDM43X2S-NNMBK52
DD
47W1
DDMV47C1S-NA197
DDMZ47C1S-NA197
DDMMV47X1S-N
DDMMZ47X1S-N
DDM47X1S-NNMBK52
* For 50 ohm coaxial inserts replace C with X, e.g.:DDMZ43C2S-N becomes DDMZ43X2S-N.
**For M-3 and other hardware options, see Combo D Catalog.
*** Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D- Contact factory for more information
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,65 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2,500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2,406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Dimensions
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
ca_C1-C61.qxd:Layout 1
2/10/11
2:32 PM
Page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com