Electronic Components Datasheet Search
  English  ▼

X  

PE6094 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6094
Description  75 OHM BNC FEMALE RESISTOR TERMINATION WITH CHAIN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6094 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6094 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE6094

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6090 PASTERNACK-PE6090 Datasheet
86Kb / 1P
TNC MALE PRECISION TERMINATION WITH CHIN FREQUENCY RANGE: DC TO 18GHz
PE6090 PASTERNACK-PE6090 Datasheet
427Kb / 4P
2 Watt RF Load With Chain Up to 18 GHz With TNC Male Input Passivated Stainless Steel
PE6090 PASTERNACK-PE6090_16 Datasheet
427Kb / 4P
2 Watt RF Load With Chain Up to 18 GHz With TNC Male Input Passivated Stainless Steel
PE6091 PASTERNACK-PE6091 Datasheet
84Kb / 1P
TNC FEMALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6091 PASTERNACK-PE6091 Datasheet
420Kb / 3P
2 Watt RF Load Up to 18 GHz With TNC Female Input Passivated Stainless Steel
More results

Similar Description - PE6094

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6048 PASTERNACK-PE6048 Datasheet
77Kb / 1P
75 OHM N FEMALE RESISTOR TERMINATION
PE6051 PASTERNACK-PE6051 Datasheet
77Kb / 1P
75 OHM BNC MALE RESISTOR TERMINATION
PE6052 PASTERNACK-PE6052 Datasheet
77Kb / 1P
75 OHM BNC FEMALE RESISTOR TERMINATION
PE6061-50 PASTERNACK-PE6061-50 Datasheet
79Kb / 1P
BNC MALE RESISTOR TERMINATION WITH CHAIN
PE6061-93 PASTERNACK-PE6061-93 Datasheet
79Kb / 1P
BNC MALE RESISTOR TERMINATION WITH CHAIN
PE6064-50 PASTERNACK-PE6064-50 Datasheet
79Kb / 1P
BNC FEMALE RESISTOR TERMINATION WITH CHAIN
PE6067 PASTERNACK-PE6067 Datasheet
78Kb / 1P
75 OHM N MALE RESISTOR TERMINATION WITH CHAIN
PE6068 PASTERNACK-PE6068 Datasheet
79Kb / 1P
75 OHM FEMALE RESISTOR TERMINATION WITH CHAIN
PE6093 PASTERNACK-PE6093 Datasheet
79Kb / 1P
75 OHM BNC MALE RESISTOR TERMINATION WITH CHAIN
PE6061-75 PASTERNACK-PE6061-75 Datasheet
79Kb / 1P
BNC MALE RESISTOR TERMINATION WITH CHAIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com