Electronic Components Datasheet Search
  English  ▼

X  

OP291GP Datasheet(PDF) 18 Page - Analog Devices

Part # OP291GP
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291GP Datasheet(HTML) 18 Page - Analog Devices

Back Button OP291GP Datasheet HTML 12Page - Analog Devices OP291GP Datasheet HTML 13Page - Analog Devices OP291GP Datasheet HTML 14Page - Analog Devices OP291GP Datasheet HTML 15Page - Analog Devices OP291GP Datasheet HTML 16Page - Analog Devices OP291GP Datasheet HTML 17Page - Analog Devices OP291GP Datasheet HTML 18Page - Analog Devices OP291GP Datasheet HTML 19Page - Analog Devices OP291GP Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
OP191/OP291/OP491
REV. 0
–18–
* OP491 SPICE Macro-model
Rev. A, 5/94
*
ARG/ADI
*
* Copyright 1994 by Analog Devices
*
* Refer to “README.DOC” file for License Statement. Use of
* this model indicates your acceptance of the terms and pro-
* visions in the License Statement.
*
* Node assignments
*
noninverting input
*
inverting input
*
positive supply
*
negative supply
*
output
*
.SUBCKT OP491
1
2
99
50 45
*
* INPUT STAGE
*
I1
99
7
8.06E-6
Q1
647
QP
Q2
537
QP
D1
3
99
DX
D2
4
99
DX
D3
34DX
D4
43DX
R1
3
8
5E3
R2
4
2
5E3
R3
5
50
6.4654E3
R4
6
50
6.4654E3
EOS 8
1
POLY(1) (16,39)
–0.08E-3
1
IOS
3
4
50E-12
GB1 3
98
(21,98) 50E-9
GB2 4
98
(21,98) 50E-9
CIN 1
2
1E-12
*
* 1ST GAIN STAGE
*
EREF 98
0
(39,0)
1
G1
98
9
(6,5)
31.667E-6
R7
9
98
1E6
EC1 99
10
POLY(1) (99,39)
–0.52
1
EC2 11
50
POLY(1) (39,50)
–0.52
1
D5
9
10
DX
D6
11
9
DX
*
* 2ND GAIN STAGE AND DOMINANT POLE AT 1.25 Hz
*
G2
98
12
(9,39)
8E-6
R8
12
98
276.311E6
C2
12
98
16E-12
D7
12
13
DX
D8
14
12
DX
V1
99
13
0.58
V2
14
50
0.58
*
* COMMON-MODE STAGE
*
ECM 15
98
POLY(2) (1,39) (2,39) 0 0.5 0.5
R9
15
16
1E6
R10
16
98
10
*
* POLE AT 2.5 MHz
*
G3
98
18
(12,39) 1E-6
R11
18
98
1E6
C4
18
98
63.662E-15
*
* BIAS CURRENT-VS-COMMON-MODE VOLTAGE
*
EP
97
0
(99,0) 1
VB
99
17
1.3
RB
17
50
1E9
E3
19
0
(15,17) 16
D13 19
20
DX
R12
20
0
1E6
G4
98
21
(20,0) 1E-3
R13
21
98
5E3
D14 21
22
DY
E4
97
22
(POLY(1) (99,98) -0.765 1
*
* POLE AT 100 MHz
*
G6
98
40
(18,39) 1E-6
R20
40
98
1E6
C10
40
98
1.592E-15
*
* OUTPUT STAGE
*
RS1
99
39
109.375E3
RS2
39
50
109.375E3
RO1 99
45
41.667
RO2 45
50
41.667
G7
45
99
(99,40) 24E-3
G8
50
45
(40,50) 24E-3
G9
98
60
(45,40) 24E-3
D9
60
61
DX
D10 62
60
DX
V7
61
98
DC 0
V8
98
62
DC 0
FSY 99
50
POLY(2) V7 V8 0.207E-3 1 1
D11 41
45
DZ
D12 45
42
DZ
V5
40
41
0.131
V6
42
40
0.131
.MODEL DX D()
.MODEL DY D(IS=1E-9)
.MODEL DZ D(IS=1E-6)
.MODEL QP PNP(BF=66.667)
.ENDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com