Electronic Components Datasheet Search
  English  ▼

X  

PE6137 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6137
Description  50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6137 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6137 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6137 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6137 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN
Female RF Load Up To 2 GHz
50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz
Configuration
Connector
7/16 DIN Female
Electrical Specifications
Frequency Range, GHz
DC to 2
Impedance, Ohms
50
Maximum VSWR
1.35:1
Maximum Input Power, Watts
100
Frequency 1
Frequency, GHz
DC to 1.5
VSWR
1.25:1
Frequency 2
Frequency, GHz
1.5 to 2
VSWR
1.35:1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
6.26 [159]
Width/Dia., in [mm]
3.46 [87.88]
Height, in [mm]
3.46 [87.88]
.
Connector
Type
7/16 DIN Female
Body Material and Plating
Brass, Tri-Metal
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
PE6137
PE6137 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz PE6137


Similar Part No. - PE6137

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6137 PASTERNACK-PE6137 Datasheet
212Kb / 3P
High Power 100 Watts RF Load Up To 2 GHz
PE6137 PASTERNACK-PE6137_14 Datasheet
212Kb / 3P
High Power 100 Watts RF Load Up To 2 GHz
More results

Similar Description - PE6137

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6037 PASTERNACK-PE6037 Datasheet
257Kb / 3P
50 Ohm 25 Watts Aluminum Heatsink N Female RF Load Up To 18 GHz
PE6043 PASTERNACK-PE6043 Datasheet
264Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink SMA Female RF Load Up To 2 GHz
PE6140 PASTERNACK-PE6140 Datasheet
260Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink TNC Female RF Load Up To 18 GHz
PE6168 PASTERNACK-PE6168 Datasheet
252Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink N Male RF Load Up To 4 GHz
PE6217 PASTERNACK-PE6217 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6100 PASTERNACK-PE6100 Datasheet
209Kb / 3P
50 Ohm 5 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 7 GHz
PE6103 PASTERNACK-PE6103 Datasheet
206Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink SMA Female RF Load Up To 18 GHz
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6101 PASTERNACK-PE6101_13 Datasheet
216Kb / 2P
50 Ohm 10 Watts Aluminum Heatsink BNC Female RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com