Electronic Components Datasheet Search
  English  ▼

X  

PE6140 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6140
Description  50 Ohm 10 Watts Aluminum Heatsink TNC Female RF Load Up To 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6140 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6140 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6140 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6140 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 10 Watts Aluminum Heatsink TNC
Female RF Load Up To 18 GHz
50 Ohm 10 Watts Aluminum Heatsink TNC Female RF Load Up To 18 GHz
Configuration
Connector
TNC Female
Connector Specification
MIL-STD-348
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Maximum Input Power, Watts
10
Peak Power, Watts
500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.2:1
Frequency 2
Frequency, GHz
6 to 12.4
VSWR
1.3:1
Frequency 3
Frequency, GHz
12.4 to 18
VSWR
1.4:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +125
Size
Length, in [mm]
1.82 [46.23]
Width/Dia., in [mm]
1 [25.4]
.
Connector
Type
TNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
PE6140
PE6140 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 10 Watts Aluminum Heatsink TNC Female RF Load Up To 18 GHz PE6140


Similar Part No. - PE6140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6140 PASTERNACK-PE6140 Datasheet
359Kb / 3P
10 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
PE6140 PASTERNACK-PE6140_17 Datasheet
359Kb / 3P
10 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
More results

Similar Description - PE6140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE6037 PASTERNACK-PE6037 Datasheet
257Kb / 3P
50 Ohm 25 Watts Aluminum Heatsink N Female RF Load Up To 18 GHz
PE6043 PASTERNACK-PE6043 Datasheet
264Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink SMA Female RF Load Up To 2 GHz
PE6137 PASTERNACK-PE6137 Datasheet
255Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz
PE6168 PASTERNACK-PE6168 Datasheet
252Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink N Male RF Load Up To 4 GHz
PE6216 PASTERNACK-PE6216 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With TNC
PE6103 PASTERNACK-PE6103 Datasheet
206Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink SMA Female RF Load Up To 18 GHz
PE6185 PASTERNACK-PE6185 Datasheet
234Kb / 3P
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PE6101 PASTERNACK-PE6101_13 Datasheet
216Kb / 2P
50 Ohm 10 Watts Aluminum Heatsink BNC Female RF Load Up To 4 GHz
PE6140 PASTERNACK-PE6140_17 Datasheet
359Kb / 3P
10 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com