Electronic Components Datasheet Search
  English  ▼

X  

PE6150 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6150
Description  SMA MALE TERMINATION FREQUENCY RANGE :DC TO 4 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6150 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6150 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE6150

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6150 PASTERNACK-PE6150 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
More results

Similar Description - PE6150

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6034 PASTERNACK-PE6034 Datasheet
206Kb / 1P
BNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4 GHz
PE6036 PASTERNACK-PE6036 Datasheet
140Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6040 PASTERNACK-PE6040 Datasheet
87Kb / 1P
SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE DC TO 18 GHz
PE6071 PASTERNACK-PE6071 Datasheet
109Kb / 1P
SMA MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6074 PASTERNACK-PE6074 Datasheet
114Kb / 1P
SMA FEMALE PRECISION TERMINATION WITH CHAIN FREQUENCY RANGE: DC TO 18 GHz
PE6078 PASTERNACK-PE6078 Datasheet
87Kb / 1P
SMA MALE PRECISION TERMINATION WITH CHAIN FREQUENCY RANGE: DC TO 26.5 GHz
PE6079 PASTERNACK-PE6079 Datasheet
112Kb / 1P
SMA FEMALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 26.5 GHz
PE6089 PASTERNACK-PE6089 Datasheet
84Kb / 1P
TNC MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6095 PASTERNACK-PE6095 Datasheet
117Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHZ
PE6149 PASTERNACK-PE6149 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE: DC TO 2,5GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com