Electronic Components Datasheet Search
  English  ▼

X  

PE6157 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6157
Description  TNC MALE TERMINATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6157 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6157 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE6157

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6157 PASTERNACK-PE6157 Datasheet
209Kb / 2P
50 Ohm 2 Watts Brass TNC Male RF Load Up To 2 GHz
PE6157 PASTERNACK-PE6157_13 Datasheet
209Kb / 2P
50 Ohm 2 Watts Brass TNC Male RF Load Up To 2 GHz
More results

Similar Description - PE6157

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6011-75 PASTERNACK-PE6011-75 Datasheet
76Kb / 1P
TNC MALE RESISTOR TERMINATION
PE6029-50 PASTERNACK-PE6029-50 Datasheet
76Kb / 1P
TNC FEMALE RESISTOR TERMINATION
PE6029-75 PASTERNACK-PE6029-75 Datasheet
76Kb / 1P
TNC FEMALE RESISTOR TERMINATION
PE6063-93 PASTERNACK-PE6063-93 Datasheet
79Kb / 1P
TNC MALE RESISTOR TERMINATION WITH CHAIN
PE6089 PASTERNACK-PE6089 Datasheet
84Kb / 1P
TNC MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6099 PASTERNACK-PE6099 Datasheet
84Kb / 1P
TNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6104 PASTERNACK-PE6104 Datasheet
204Kb / 1P
TNC MALE HIGH POWER TERMINATION FREQUENCY RANGE:DC TO 18 GHz
PE6158 PASTERNACK-PE6158 Datasheet
107Kb / 1P
TNC MALE TERMINATION
PE9445 PASTERNACK-PE9445 Datasheet
255Kb / 3P
Precision TNC Male to TNC Male Adapter
PE9091 PASTERNACK-PE9091 Datasheet
362Kb / 4P
TNC Male to TNC Male Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com