Electronic Components Datasheet Search
  English  ▼

X  

PE6162 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6162
Description  MINI SMP FEMALE TERMINATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6162 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6162 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE6162

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6162 PASTERNACK-PE6162 Datasheet
425Kb / 4P
0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryllium Copper
PE6162 PASTERNACK-PE6162_16 Datasheet
425Kb / 4P
0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryllium Copper
More results

Similar Description - PE6162

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6160 PASTERNACK-PE6160 Datasheet
137Kb / 1P
SMP FEMALE TERMINATION
PE6163 PASTERNACK-PE6163 Datasheet
108Kb / 1P
MINI SMP MALE TERMINATION
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE9782 PASTERNACK-PE9782 Datasheet
212Kb / 1P
2.92mm FEMALE TO MINI SMP FEMALE
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
PE91123 PASTERNACK-PE91123 Datasheet
376Kb / 3P
2.4mm Female to Mini SMP Female Adapter
PE91301 PASTERNACK-PE91301 Datasheet
355Kb / 3P
SMA Female to Mini SMP Female Adapter
logo
Rosenberger Hochfrequen...
19K15R-001E4 ROSENBERGER-19K15R-001E4 Datasheet
519Kb / 2P
SMP Termination
19S15R-001E4 ROSENBERGER-19S15R-001E4 Datasheet
503Kb / 2P
SMP Termination
logo
Mini-Circuits
SMPF-TERM50 MINI-SMPF-TERM50 Datasheet
191Kb / 2P
SMP Termination
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com