Electronic Components Datasheet Search
  English  ▼

X  

PE6180 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6180
Description  50 Ohm 1 Watts Precision 2.4mm Female RF Load Up To 50 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6180 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6180 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6180 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6180 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
The information contained in this document is accurate to the best of our knowledge and representative of the part described
herein. It may be necessary to make modifications to the part and/or the documentation of the part, in order to implement improve-
ments. Pasternack reserves the right to make such changes as required. Unless otherwise stated, all specifications are nominal.
1
TECHNICAL DATA SHEET
© 2012 Pasternack Enterprises All Rights Reserved
50 Ohm 1 Watts Precision 2.4mm Female RF Load Up To 50 GHz
PE6180
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 1 Watt Precision 2.4mm Female RF Load Up To 50 GHz PE6180
50 Ohm 1 Watt Precision 2.4mm Female RF Load Up To 50 GHz
Pasternack Enterprises line of 2.4mm Terminations are available in a 1 Watt version that operates from DC to 50 GHz.
Our 2.4mm Terminations are manufactured for durability with Passivated Stainless Steel bodies and Gold Plated BeCu
(Beryllium Copper) contacts and are with a Chain or No Chain. Pasternack’s Male and Female 2.4mm Terminations will
mate with 2.4mm and 1.85mm connectors.
• DC to 50 GHz
• 1W power rating
• Passivated Stainless Steel bodies
• Gold plated BeCu contacts
• Chain and No Chain options
Configuration
Design Type
RF Load
Connector
2.4mm Female
Connection Method
Standard
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range (GHz)
DC to 50
Impedance (Ohm)
50
VSWR, Max
1.45:1
Power, Max (Watt)
1
Frequency 1
Frequency (GHz)
DC to 18
VSWR
1.15:1
Power Handling (Watt)
1
Frequency 2
Frequency (GHz)
18 to 40
VSWR
1.3:1
Power Handling (Watt)
1
Frequency 3
Frequency (GHz)
40 to 50
VSWR
1.45:1
Power Handling (Watt)
1
PE6180 REV NC


Similar Part No. - PE6180

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6180 PASTERNACK-PE6180 Datasheet
438Kb / 4P
2 Watt RF Load Up to 50 GHz
PE6180 PASTERNACK-PE6180_16 Datasheet
438Kb / 4P
2 Watt RF Load Up to 50 GHz
More results

Similar Description - PE6180

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6073 PASTERNACK-PE6073 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6085 PASTERNACK-PE6085 Datasheet
245Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6087 PASTERNACK-PE6087 Datasheet
370Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load Up To 40 GHz
PE6088 PASTERNACK-PE6088 Datasheet
354Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load With Chain Up To 40 GHz
PE6175 PASTERNACK-PE6175 Datasheet
357Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Female RF Load Up To 40 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6179 PASTERNACK-PE6179 Datasheet
356Kb / 3P
50 Ohm 1 Watt Precision 2.4mm Male RF Load with Chain Up To 50 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6227 PASTERNACK-PE6227 Datasheet
525Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6149 PASTERNACK-PE6149_13 Datasheet
204Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com