Electronic Components Datasheet Search
  English  ▼

X  

PE6012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6012
Description  Shorting BNC Male Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6012 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Shorting BNC Male Dust Cap
Shorting BNC Male Dust Cap
Configuration
Connector
BNC Male Shorting
Chain Option
No Chain
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.614 [15.6]
Width, in [mm]
0.571 [15]
.
Connector
Type
BNC Male Shorting
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ In. Minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ In. Minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Shorting BNC Male Dust Cap from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Shorting BNC Male Dust Cap PE6012
URL: http://www.pasternack.com/50-ohm-bnc-male-short-cap-pe6012-p.aspx
PE6012
PE6012 REV


Similar Part No. - PE6012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE601 MACOM-PE601 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
PE601-600/5 MACOM-PE601-600/5 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
logo
Pasternack Enterprises,...
PE6011-50 PASTERNACK-PE6011-50 Datasheet
185Kb / 2P
50 Ohm 0.5 Watts Brass TNC Male RF Load Up To 1,000 MHz
PE6011-75 PASTERNACK-PE6011-75 Datasheet
76Kb / 1P
TNC MALE RESISTOR TERMINATION
PE6011-93 PASTERNACK-PE6011-93 Datasheet
76Kb / 1P
TNC MALE RESISTOR TERMINNATION
More results

Similar Description - PE6012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6006 PASTERNACK-PE6006 Datasheet
237Kb / 2P
Shorting SMA Male Dust Cap
PE6015 PASTERNACK-PE6015 Datasheet
77Kb / 1P
Shorting N Male Dust Cap
PE6022 PASTERNACK-PE6022 Datasheet
234Kb / 2P
Shorting N Male Dust Cap
PE6014 PASTERNACK-PE6014 Datasheet
234Kb / 2P
Non-Shorting Dust Cap for BNC Male
PE6030 PASTERNACK-PE6030 Datasheet
232Kb / 2P
Shorting Dust Cap for BNC Female
PE6192 PASTERNACK-PE6192 Datasheet
192Kb / 2P
2.4mm Male Shorting Dust Cap
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
BNC Female Non-Shorting Dust Cap
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6133 PASTERNACK-PE6133_16 Datasheet
414Kb / 3P
TNC Male Shorting Dust Cap
PE6192 PASTERNACK-PE6192_16 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com